Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2J20751NP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R2J20751NP
Description  Peak Current Mode Synchronous Buck Controller with Power MOS FETs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2J20751NP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R2J20751NP Datasheet HTML 9Page - Renesas Technology Corp R2J20751NP Datasheet HTML 10Page - Renesas Technology Corp R2J20751NP Datasheet HTML 11Page - Renesas Technology Corp R2J20751NP Datasheet HTML 12Page - Renesas Technology Corp R2J20751NP Datasheet HTML 13Page - Renesas Technology Corp R2J20751NP Datasheet HTML 14Page - Renesas Technology Corp R2J20751NP Datasheet HTML 15Page - Renesas Technology Corp R2J20751NP Datasheet HTML 16Page - Renesas Technology Corp R2J20751NP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
R2J20751NP
Preliminary
R07DS0240EJ0100 Rev.1.00
Page 13 of 25
Jan 26, 2011
equation (3),
=
13700 / 820
Ω × 470 nH × 5 V × 500 kHz
SQRT {5 V2
− 8 × 470 nH × 5 V × 500 kHz × (0.134 V × 13700 / 820 Ω) }
19.63
=
SQRT {3.955}
= 9.871
A0 =
……(3)
Nt/RCS
× L × Vin × Fsw
SQRT {Vin2
− 8 × L × Vin × Fsw × (VCS0 × Nt / RCS) }
The frequency of the pole established by the power stage and modulator is
F0 = Nt / (2
  Co  RCS  A0) ......(5)
Thus,
F0 = 13700 / (2
  600 F  820   9.871) = 448.967 Hz
Thus,
Fzero = 10
 F0 = 4.489 kHz
Cf = (2
  Fzero  Rf)–1 = (2   4.489 kHz  24 k)–1 = 1477 pF
Therefore, we select 1500 pF for Cf.
Basically, the transient response is faster when Cf is smaller, but too small a value will make the system-loop
unstable.
F0
Fzero
BW/Af
Error amp. unity gain
frequency
BW
Af
A0
Fsw
Converter open loop
Compensated error amp.
Power and modulator
Gain (dB)
Freq. (Hz)
−20 dB/dec
−40 dB/dec
−20 dB/dec
Asw
Figure 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com