Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMC3AMCTA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMC3AMCTA
Description  30V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMC3AMCTA Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMC3AMCTA Datasheet HTML 1Page - Diodes Incorporated ZXMC3AMCTA Datasheet HTML 2Page - Diodes Incorporated ZXMC3AMCTA Datasheet HTML 3Page - Diodes Incorporated ZXMC3AMCTA Datasheet HTML 4Page - Diodes Incorporated ZXMC3AMCTA Datasheet HTML 5Page - Diodes Incorporated ZXMC3AMCTA Datasheet HTML 6Page - Diodes Incorporated ZXMC3AMCTA Datasheet HTML 7Page - Diodes Incorporated ZXMC3AMCTA Datasheet HTML 8Page - Diodes Incorporated ZXMC3AMCTA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ZXMC3AMC
Document number: DS35088 Rev. 1 - 2
1 of 11
www.diodes.com
December 2010
© Diodes Incorporated
ZXMC3AMC
A Product Line of
Diodes Incorporated
30V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Product Summary
Device
V(BR)DSS
RDS(on) max
ID max
TA = 25°C
(Notes 4 & 7)
Q1
30V
120m
Ω @ VGS = 10V
3.7A
180m
Ω @ VGS = 4.5V
3.0A
Q2
-30V
210m
Ω @ VGS = -10V
-2.7A
330m
Ω @ VGS = -4.5V
-2.2A
Description and Applications
This MOSFET has been designed to minimize the on-state resistance
(RDS(on)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
•
MOSFET gate drive
•
LCD backlight inverters
•
Motor control
•
Portable applications
Features and Benefits
•
Low profile package, for thin applications
•
Low RθJA, thermally efficient package
•
6mm
2 footprint, 50% smaller than TSOP6 and SOT23-6
•
Low on-resistance
•
Fast switching speed
•
“Lead-Free”, RoHS Compliant (Note 1)
•
Halogen and Antimony Free. "Green" Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: DFN3020B-8
•
Terminals: Pre-Plated NiPdAu leadframe
•
Nominal package height: 0.8mm
•
UL Flammability Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Solderable per MIL-STD-202, Method 208
•
Weight: 0.013 grams (approximate)
Ordering Information (Note 3)
Part Number
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXMC3AMCTA
C01
7
8
3000
Notes:
1. No purposefully added lead
2. Diodes Inc's "Green" policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Bottom View
Pin-Out
D2
D2
D1
D1
G2
S2
G1
S1
D2
D1
Pin 1
Equivalent Circuit
D2
S2
G2
D1
Q1 N-Channel
Q2 P-Channel
S1
G1
Top View
Bottom View
DFN3020B-8
C01 = Product Type Marking Code
Top view, Dot Denotes Pin 1
C01


Similar Part No. - ZXMC3AMCTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMC3AMC DIODES-ZXMC3AMC_15 Datasheet
736Kb / 11P
30V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 1
More results

Similar Description - ZXMC3AMCTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMC3A17DN8 ZETEX-ZXMC3A17DN8 Datasheet
276Kb / 10P
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
ZXMC3A16DN8 ZETEX-ZXMC3A16DN8_05 Datasheet
311Kb / 10P
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMC3A17DN8 DIODES-ZXMC3A17DN8 Datasheet
286Kb / 10P
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
OCTOBER 2005
ZXMC3A18DN8 DIODES-ZXMC3A18DN8 Datasheet
692Kb / 12P
Complementary 30V enhancement mode MOSFET
SEPTEMBER 2007
ZXMC3AM832 DIODES-ZXMC3AM832 Datasheet
270Kb / 10P
COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
JULY 2004
DMC3025LSD DIODES-DMC3025LSD_15 Datasheet
350Kb / 10P
30V COMPLEMENTARY ENHANCEMENT MODE MOSFET
Rev 7
ZXMC3AMC DIODES-ZXMC3AMC_15 Datasheet
736Kb / 11P
30V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Rev 1
logo
Pan Jit International I...
PJL9602 PANJIT-PJL9602 Datasheet
566Kb / 9P
30V Complementary Enhancement Mode MOSFET
Feb 16,2017-REV.00P
PJQ4602 PANJIT-PJQ4602 Datasheet
855Kb / 9P
30V Complementary Enhancement Mode MOSFET
July 18,2019-REV.00
PJQ4606 PANJIT-PJQ4606 Datasheet
1Mb / 9P
30V Complementary Enhancement Mode MOSFET
October 31,2017-REV.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com