Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMC3AMCTA Datasheet(PDF) 10 Page - Diodes Incorporated

Part # ZXMC3AMCTA
Description  30V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMC3AMCTA Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button ZXMC3AMCTA Datasheet HTML 3Page - Diodes Incorporated ZXMC3AMCTA Datasheet HTML 4Page - Diodes Incorporated ZXMC3AMCTA Datasheet HTML 5Page - Diodes Incorporated ZXMC3AMCTA Datasheet HTML 6Page - Diodes Incorporated ZXMC3AMCTA Datasheet HTML 7Page - Diodes Incorporated ZXMC3AMCTA Datasheet HTML 8Page - Diodes Incorporated ZXMC3AMCTA Datasheet HTML 9Page - Diodes Incorporated ZXMC3AMCTA Datasheet HTML 10Page - Diodes Incorporated ZXMC3AMCTA Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ZXMC3AMC
Document number: DS35088 Rev. 1 - 2
10 of 11
www.diodes.com
December 2010
© Diodes Incorporated
ZXMC3AMC
A Product Line of
Diodes Incorporated
Package Outline Dimensions
Suggested Pad Layout
DFN3020B-8
Dim
Min
Max
Typ
A
0.77
0.83
0.80
A1
0
0.05
0.02
A3
-
-
0.15
b
0.25
0.35
0.30
D
2.95
3.075
3.00
D2
0.82
1.02
0.92
D4
1.01
1.21
1.11
e
-
-
0.65
E
1.95
2.075
2.00
E2
0.43
0.63
0.53
L
0.25
0.35
0.30
Z
-
-
0.375
All Dimensions in mm
Dimensions
Value (in mm)
C
0.650
G
0.285
G1
0.090
X
0.400
X1
1.120
Y
0.730
Y1
0.500
Y2
0.365
b
e
E2
D2
L
D
E
A
Z
A1
A3
D4
D4
C
X1
G1
X
Y1
Y
Y2
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com