Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMC3AMCTA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXMC3AMCTA
Description  30V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMC3AMCTA Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXMC3AMCTA Datasheet HTML 1Page - Diodes Incorporated ZXMC3AMCTA Datasheet HTML 2Page - Diodes Incorporated ZXMC3AMCTA Datasheet HTML 3Page - Diodes Incorporated ZXMC3AMCTA Datasheet HTML 4Page - Diodes Incorporated ZXMC3AMCTA Datasheet HTML 5Page - Diodes Incorporated ZXMC3AMCTA Datasheet HTML 6Page - Diodes Incorporated ZXMC3AMCTA Datasheet HTML 7Page - Diodes Incorporated ZXMC3AMCTA Datasheet HTML 8Page - Diodes Incorporated ZXMC3AMCTA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ZXMC3AMC
Document number: DS35088 Rev. 1 - 2
3 of 11
www.diodes.com
December 2010
© Diodes Incorporated
ZXMC3AMC
A Product Line of
Diodes Incorporated
Thermal Characteristics
110
10m
100m
1
10
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
100µ
1m
10m 100m
1
10
100
1k
0
20
40
60
80
90
0.1
1
10
100
0
25
50
75
100
125
150
175
200
225
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
110
10m
100m
1
10
8 sq cm 2oz Cu
One active die
100us
100ms
1s
R
DS(ON)
Limited
1ms
N-channel Safe Operating Area
Single Pulse, T
amb
=25°C
DC
10ms
V
DS
Drain-Source Voltage (V)
8 sq cm 2oz Cu
One active die
Single Pulse, T
amb
=25°C
10 sq cm 1oz Cu
One active die
8 sq cm 2oz Cu
One active die
10 sq cm 1oz Cu
Two active die
Derating Curve
Temperature (°C)
8 sq cm 2oz Cu
One active die
D=0.2
D=0.5
D=0.1
Transient Thermal Impedance
Single Pulse
D=0.05
Pulse Width (s)
1oz Cu
Two active die
1oz Cu
One active die
2oz Cu
One active die
2oz Cu
Two active die
Thermal Resistance v Board Area
Board Cu Area (sqcm)
2oz Cu
Two active die
1oz Cu
Two active die
1oz Cu
One active die
2oz Cu
Two active die
2oz Cu
One active die
Power Dissipation v Board Area
T
amb
=25°C
T
j max
=150°C
Continuous
Board Cu Area (sqcm)
DC 1s
100ms
10ms
1ms
100us
R
DS(ON)
Limited
P-channel Safe Operating Area
-V
DS
Drain-Source Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com