Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTC4591AMCTA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTC4591AMCTA
Description  COMPLEMENTARY DUAL 40V HIGH PERFORMANCE TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTC4591AMCTA Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTC4591AMCTA Datasheet HTML 1Page - Diodes Incorporated ZXTC4591AMCTA Datasheet HTML 2Page - Diodes Incorporated ZXTC4591AMCTA Datasheet HTML 3Page - Diodes Incorporated ZXTC4591AMCTA Datasheet HTML 4Page - Diodes Incorporated ZXTC4591AMCTA Datasheet HTML 5Page - Diodes Incorporated ZXTC4591AMCTA Datasheet HTML 6Page - Diodes Incorporated ZXTC4591AMCTA Datasheet HTML 7Page - Diodes Incorporated ZXTC4591AMCTA Datasheet HTML 8Page - Diodes Incorporated ZXTC4591AMCTA Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ZXTC4591AMC
Document number: DS31925 Rev. 2 - 2
1 of 9
www.diodes.com
January 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTC4591AMC
COMPLEMENTARY DUAL 40V HIGH PERFORMANCE TRANSISTOR
Features
•
NPN Transistor
VCEO = 40
RSAT = 195 mΩ
IC = 2.5A
•
PNP Transistor
VCEO = -40V
RSAT = 350 mΩ
IC = -2A
•
Low Saturation Voltage (500mV max @ 1A)
•
IC = 2.5A Continuous Collector Current
•
hFE characterized up to 2A
Mechanical Data
•
Case: DFN3020B-8
•
UL Flammability Rating 94V-0
•
Terminals: Pre-Plated NiPdAu leadframe
•
Nominal package height: 0.8mm
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Solderable per MIL-STD-202, Method 208
•
Weight: 0.013 grams (approximate)
Applications
•
DC – DC Converters
•
Power switches
•
Motor control
•
LED Backlighting circuits
Ordering Information
Product
Status
Package
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXTC4591AMCTA
Active
DFN3020B-8
91A
7
8
3000
Notes:
1. No purposefully added lead. Halogen and Antimony Free.
2. Diodes Inc’s “Green” Policy can be found on our website at http://www.diodes.com
Marking Information
91A = Product type Marking Code
Dot denotes Pin 1
TOP VIEW
Pin Configuration
Device Symbol
DFN3020B-8


Similar Part No. - ZXTC4591AMCTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTC4591AMC DIODES-ZXTC4591AMC_15 Datasheet
215Kb / 9P
COMPLEMENTARY 40V HIGH PERFORMANCE TRANSISTOR
Rev 4
More results

Similar Description - ZXTC4591AMCTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTD4591AM832 ZETEX-ZXTD4591AM832 Datasheet
348Kb / 8P
COMPLEMENTARY DUAL 40V HIGH PERFORMANCE TRANSISTOR
ZXTC2045E6 ZETEX-ZXTC2045E6 Datasheet
108Kb / 4P
Dual 40V complementary transistors in SOT23-6
logo
Diodes Incorporated
DMC4028SSD DIODES-DMC4028SSD Datasheet
753Kb / 11P
40V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
D35041 Rev: 1 - 2
logo
Alpha & Omega Semicondu...
AO4618 AOSMD-AO4618 Datasheet
1Mb / 9P
40V Complementary MOSFET
logo
Diodes Incorporated
ZXTD4591AM832 DIODES-ZXTD4591AM832 Datasheet
842Kb / 10P
MPPS??Miniature Package Power Solutions Complementary dual 40V high performance transistor
APRIL 2008
DMC4028SSD DIODES-DMC4028SSD_15 Datasheet
312Kb / 11P
40V COMPLEMENTARY DUAL ENHANCEMENT MODE MOSFET
Rev 2
logo
Central Semiconductor C...
CMLT4413 CENTRAL-CMLT4413_15 Datasheet
512Kb / 3P
DUAL, COMPLEMENTARY TRANSISTOR
logo
Diodes Incorporated
ZXTC4591AMC DIODES-ZXTC4591AMC_15 Datasheet
215Kb / 9P
COMPLEMENTARY 40V HIGH PERFORMANCE TRANSISTOR
Rev 4
logo
Jiangsu Changjiang Elec...
CJ2045 JIANGSU-CJ2045 Datasheet
830Kb / 6P
Dual 40V complementary transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com