Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP2025F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTP2025F
Description  50V, SOT23, PNP medium power transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP2025F Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTP2025F Datasheet HTML 1Page - Diodes Incorporated ZXTP2025F Datasheet HTML 2Page - Diodes Incorporated ZXTP2025F Datasheet HTML 3Page - Diodes Incorporated ZXTP2025F Datasheet HTML 4Page - Diodes Incorporated ZXTP2025F Datasheet HTML 5Page - Diodes Incorporated ZXTP2025F Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Issue 3 - January 2006
1
www.zetex.com
© Zetex Semiconductors plc 2006
ZXTP2025F
50V, SOT23, PNP medium power transistor
Summary
V(BR)CEO > -50V
IC(cont) = -5A
RCE(sat) = 30m typical
VCE(sat) < - 60mV @ -1A
PD = 1.2W
Complementary part number: ZXTN2031F
Description
Advanced process capability and package design have been used to
maximize the power handling and performance of this small outline
transistor. The compact size and ratings of this device make it ideally suited
to applications where space is at a premium.
Features
•
Higher power dissipation SOT23 package
•
High peak current
•
Low saturation voltage
•High gain
•
50V forward blocking voltage
Applications
•
MOSFET and IGBT gate driving
•
Motor drive
•
Relay, lamp and solenoid drive
•
High side switches
•
DC-DC converters
Ordering information
Device marking
312
Device
Reel size
(inches)
Tape width
(mm)
Quantity per reel
ZXTP2025FTA
7
8
3,000
Pinout - top view


Similar Part No. - ZXTP2025F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2025F ZETEX-ZXTP2025F Datasheet
505Kb / 6P
50V, SOT23, PNP medium power transistor
ZXTP2025FTA ZETEX-ZXTP2025FTA Datasheet
505Kb / 6P
50V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP2025F DIODES-ZXTP2025F_15 Datasheet
512Kb / 6P
50V, SOT23, PNP medium power transistor
JANUARY 2006
More results

Similar Description - ZXTP2025F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN2031F ZETEX-ZXTN2031F Datasheet
535Kb / 6P
50V, SOT23, NPN medium power transistor
ZXTP2025F ZETEX-ZXTP2025F Datasheet
505Kb / 6P
50V, SOT23, PNP medium power transistor
ZXTP25020CFH ZETEX-ZXTP25020CFH Datasheet
372Kb / 6P
20V, SOT23, PNP medium power transistor
ZXTN25050DFH ZETEX-ZXTN25050DFH Datasheet
414Kb / 6P
50V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
FMMT591 DIODES-FMMT591 Datasheet
298Kb / 8P
Medium power PNP transistor in SOT23
september 2007
ZXTN2031F DIODES-ZXTN2031F Datasheet
539Kb / 6P
50V, SOT23, NPN medium power transistor
JANUARY 2006
ZXTN25050DFH DIODES-ZXTN25050DFH Datasheet
425Kb / 6P
50V, SOT23, NPN medium power transistor
SEPTEMBER 2006
ZXTP25012EFH DIODES-ZXTP25012EFH Datasheet
333Kb / 8P
12V, SOT23, PNP medium power transistor
OCTOBER 2007
ZXTN2031F DIODES-ZXTN2031F_15 Datasheet
407Kb / 7P
50V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 3
ZXTP2025F DIODES-ZXTP2025F_15 Datasheet
512Kb / 6P
50V, SOT23, PNP medium power transistor
JANUARY 2006
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com