Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP2029F Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTP2029F
Description  100V, SOT23, PNP medium power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP2029F Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTP2029F Datasheet HTML 1Page - Diodes Incorporated ZXTP2029F Datasheet HTML 2Page - Diodes Incorporated ZXTP2029F Datasheet HTML 3Page - Diodes Incorporated ZXTP2029F Datasheet HTML 4Page - Diodes Incorporated ZXTP2029F Datasheet HTML 5Page - Diodes Incorporated ZXTP2029F Datasheet HTML 6Page - Diodes Incorporated ZXTP2029F Datasheet HTML 7Page - Diodes Incorporated ZXTP2029F Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXTP2029F
Issue 3 - May 2007
2
www.zetex.com
© Zetex Semiconductors plc 2007
Absolute maximum ratings
Thermal resistance
Parameter
Symbol
Limit
Unit
Collector-base voltage
VCBO
-130
V
Collector-emitter voltage
V(BR)CEV
-130
V
Collector-emitter voltage
VCEO
-100
V
Emitter-base voltage
VEBO
-7.0
V
Peak pulse current
ICM
-5
A
Continuous collector current(a)
IC
-3
A
Base current
IB
-1
A
Power dissipation @ TA=25
oC(a)
Linear derating factor
PD
1.0
8.0
W
mW/oC
Power dissipation @ TA=25
oC(b)
Linear derating factor
PD
1.2
9.6
W
mW/oC
Power dissipation @ TA=25
oC(c)
Linear derating factor
PD
1.56
12.5
W
mW/oC
Operating and storage temperature
Tj:Tstg
-55 to +150
oC
Parameter
Symbol
Value
Unit
Junction to ambient (a)
NOTES:
(a) Mounted on 18mm x 18mm x 1.6mm FR4 PCB with a very high coverage of 2 oz weight copper in still air conditions.
R
θ
JA
125
oC/W
Junction to ambient (b)
(b) Mounted on 30mm x 30mm x 1.6mm FR4 PCB with a very high coverage of 2 oz weight copper in still air conditions.
R
θ
JA
104
oC/W
Junction to ambient (c)
(c) As (b) above measured at t<5secs.
R
θ
JA
80
oC/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com