Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP2029F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTP2029F
Description  100V, SOT23, PNP medium power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP2029F Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTP2029F Datasheet HTML 1Page - Diodes Incorporated ZXTP2029F Datasheet HTML 2Page - Diodes Incorporated ZXTP2029F Datasheet HTML 3Page - Diodes Incorporated ZXTP2029F Datasheet HTML 4Page - Diodes Incorporated ZXTP2029F Datasheet HTML 5Page - Diodes Incorporated ZXTP2029F Datasheet HTML 6Page - Diodes Incorporated ZXTP2029F Datasheet HTML 7Page - Diodes Incorporated ZXTP2029F Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 3 - May 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
ZXTP2029F
100V, SOT23, PNP medium power transistor
Summary
V(BR)CEV > -130V, V(BR)CEO > -100V
IC(cont) = -3A
RCE(sat) = 45m typical
VCE(sat) < -80mV @ -1A
PD = 1.2W
Complementary part number ZXTN2020F
Description
Advanced process capability and package design have been used to
maximize the power handling and performance of this small outline
transistor. The compact size and ratings of this device make it ideally suited
to applications where space is at a premium.
Features
•
Higher power dissipation SOT23 package
•
High peak current
•
Low saturation voltage
•
130V forward blocking voltage
Applications
•
MOSFET and IGBT gate driving
•
Motor drive
•
DC-DC converters
•
High side switches
Ordering information
Device marking
953
Device
Reel size
(inches)
Tape width
Quantity per reel
ZXTP2029FTA
7
8mm
3,000
C
E
B
C
E
B
Pinout - top view


Similar Part No. - ZXTP2029F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2029F ZETEX-ZXTP2029F Datasheet
539Kb / 6P
100V, SOT23, PNP medium power transistor
ZXTP2029FTA ZETEX-ZXTP2029FTA Datasheet
539Kb / 6P
100V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP2029F DIODES-ZXTP2029F_15 Datasheet
439Kb / 8P
100V, SOT23, PNP medium power transistor
MAY 2007
More results

Similar Description - ZXTP2029F

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2029F ZETEX-ZXTP2029F Datasheet
539Kb / 6P
100V, SOT23, PNP medium power transistor
ZXTN25100BFH ZETEX-ZXTN25100BFH Datasheet
391Kb / 6P
100V, SOT23, medium power transistor
ZXTN25100DFH ZETEX-ZXTN25100DFH Datasheet
391Kb / 6P
100V, SOT23, NPN medium power transistor
ZXTP25100BFH ZETEX-ZXTP25100BFH Datasheet
400Kb / 6P
100V, SOT23, PNP medium power transistor
ZXTP25100CFH ZETEX-ZXTP25100CFH Datasheet
450Kb / 8P
100V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTN25100BFH DIODES-ZXTN25100BFH Datasheet
398Kb / 6P
100V, SOT23, medium power transistor
MAY 2006
ZXTP25100BFH DIODES-ZXTP25100BFH Datasheet
407Kb / 6P
100V, SOT23, PNP medium power transistor
MARCH 2006
ZXTP25100CFH DIODES-ZXTP25100CFH Datasheet
462Kb / 8P
100V, SOT23, PNP medium power transistor
OCTOBER 2007
ZXTP2029F DIODES-ZXTP2029F_15 Datasheet
439Kb / 8P
100V, SOT23, PNP medium power transistor
MAY 2007
ZXTP25100CFH DIODES-ZXTP25100CFH_15 Datasheet
201Kb / 7P
100V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev erse
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com