Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXTP2029F Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTP2029F
Description  100V, SOT23, PNP medium power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP2029F Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTP2029F Datasheet HTML 1Page - Diodes Incorporated ZXTP2029F Datasheet HTML 2Page - Diodes Incorporated ZXTP2029F Datasheet HTML 3Page - Diodes Incorporated ZXTP2029F Datasheet HTML 4Page - Diodes Incorporated ZXTP2029F Datasheet HTML 5Page - Diodes Incorporated ZXTP2029F Datasheet HTML 6Page - Diodes Incorporated ZXTP2029F Datasheet HTML 7Page - Diodes Incorporated ZXTP2029F Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZXTP2029F
Issue 3 - May 2007
4
www.zetex.com
© Zetex Semiconductors plc 2007
Electrical characteristics (at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Collector-base breakdown
voltage
V(BR)CBO
-130
-160
V
IC=-100μA
Collector-emitter breakdown
voltage
V(BR)CEV
-130
-160
V
IC =−1μA, 1V> VBE>-0.3V
Collector-emitter breakdown
voltage
V(BR)CEO
-100
-120
V
IC=-10mA
(a)
NOTES:
(a) Measured under pulsed conditions. Pulse width=300 S. Duty cycle
2%.
Emitter-base breakdown
voltage
V(BR)EBO
-7.0
-8.3
V
IE=-100μA
Collector-emitter cut-off
current
ICEV
-20
nA
VCE=-100V,
VBE = 1V
Collector-base cut-off current ICBO
-20
nA
VCB=-100V
Emitter-base cut-off current
IEBO
-10
nA
VEB=-6V
Static forward current
transfer ratio
HFE
100
100
40
220
200
75
300
IC=-10mA, VCE=-2V
(a)
IC=-1A, VCE=-2V
(a)
Ic=-3A, VCE=-2V
Collector-emitter saturation
voltage
VCE(sat)
-20
-60
-135
-180
-30
-80
-180
-250
mV
mV
mV
mV
IC=-100mA, IB=-10mA
(a)
IC=-1A, IB=-100mA
(a)
IC=-3A, IB=-300mA
(a)
IC=-4A, IB=-400mA
(a)
Base-emitter saturation
voltage
VBE(sat)
-0.90
-1.00
V
IC=-3A, IB=-300mA
(a)
Base-emitter turn-on voltage
VBE(on)
-0.81
-0.90
V
IC=-3A, VCE=-2V
(a)
Transition frequency
fT
150
MHz
Ic=-100mA, VCE=-10V,
f=50MHz
Output capacitance
Cobo
39
pF
VCB=-10V, f=1MHz
Delay timetime
t(d)
21
ns
VCC=-10V, IC=-1A,
IB1=IB2=-100mA
Rise time
t(r)
12
ns
Storage time
t(stg)
410
ns
Fall time
t(f)
35
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com