Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP41 Datasheet(PDF) 1 Page - Weitron Technology

Part # TIP41
Description  NPN Silicon Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

TIP41 Datasheet(HTML) 1 Page - Weitron Technology

  TIP41 Datasheet HTML 1Page - Weitron Technology TIP41 Datasheet HTML 2Page - Weitron Technology TIP41 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TIP41 Series
WEITRON
http://www.weitron.com.tw
TO-220
1
2
3
1. BASE
2. COLLECTOR
3. EMITTER
NPN Silicon Power Transistor
BASE
1
COLLECTOR
2
3
EMITTER
Lead(Pb)-Free
P b
1/3
12-Aug-10
FEATURES:
* Medium Power Linear Switching Applications
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
Parameter
Units
VCBO
Collector-Base Voltage
V
VCEO
Collector-Emitter Voltage
V
VEBO
Emitter-Base Voltage
V
IC
Collector Current -Continuous
PC
Collector Power Dissipation
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55-150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=1mA, IE=0
Collector-emitter breakdown voltage
V(BR)CEO
IC=30mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
IE= 1mA, I C=0
Collector cut-off current
ICBO
VCB=40V, IE=0
Emitter cut-off current
IEBO
VEB=5V, IC=0
DC current gain
hFE(1)
VCE=4V, IC=0.3A
Collector-emitter saturation voltage
VCE (sat)
IC=6A, IB =0.6A
Base-emitter voltage
VBE(on)
Transition Frequency
f T
VCE=10V, IC=0.5A
TIP41
TIP41A
TIP41B
TIP41C
40
60
80
100
40
60
80
100
5
6
2
A
W
MHz
f = 1MHz
3
VCE=4V, IC=6A
2
V
1.5
V
hFE(2)
VCE=4V, IC=3A
15
75
30
1
mA
ICEO
TIP41/41A
TIP41B/41C
VCE=30V, I
VCE=60V, I
B=0
B=0
0.7
mA
Collector cut-off current
TIP41
TIP41A
TIP41B
TIP41C
VCB=60V, IE=0
VCB=80V, IE=0
VCB=100V, I E =0
0.4
mA
5
V
TIP41
TIP41A
TIP41B
TIP41C
40
60
80
100
V
TIP41
TIP41A
TIP41B
TIP41C
40
60
80
100
V


Similar Part No. - TIP41

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP41 MOSPEC-TIP41 Datasheet
189Kb / 4P
POWER TRANSISTORS(6A,40-100V,65W)
logo
Power Innovations Ltd
TIP41 POINN-TIP41 Datasheet
86Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Wing Shing Computer Com...
TIP41 WINGS-TIP41 Datasheet
25Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR(MEDIUM POWER LINEAR SWITCHING APPLICATIONS)
logo
Fairchild Semiconductor
TIP41 FAIRCHILD-TIP41 Datasheet
37Kb / 4P
Medium Power Linear Switching Applications
logo
Boca Semiconductor Corp...
TIP41 BOCA-TIP41 Datasheet
25Kb / 2P
General Purpose Amplifier and Switching Applications
More results

Similar Description - TIP41

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com