Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC74751 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LC74751
Description  On-Screen Display LSI
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74751 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LC74751 Datasheet HTML 7Page - Sanyo Semicon Device LC74751 Datasheet HTML 8Page - Sanyo Semicon Device LC74751 Datasheet HTML 9Page - Sanyo Semicon Device LC74751 Datasheet HTML 10Page - Sanyo Semicon Device LC74751 Datasheet HTML 11Page - Sanyo Semicon Device LC74751 Datasheet HTML 12Page - Sanyo Semicon Device LC74751 Datasheet HTML 13Page - Sanyo Semicon Device LC74751 Datasheet HTML 14Page - Sanyo Semicon Device LC74751 Datasheet HTML 15Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
No. 5396-13/15
LC74751
Display Screen Structure (Display Example)
Specify the display of line 12 for display line ROM (64 lines).
From within line ROM, specify display control RAM for the sections where the characters are variable.
The addresses in display control RAM are automatically allocated in display order from 0 to 175 (AF hexadecimal).
Items enclosed in thick lines specify characters in display control RAM, and
items enclosed in thin lines are character specified in line ROM.
Control Data External Input Timing
Data is input in a 16-bit serial format that includes both an address and data items.
xAn address has 16 bits.
The lower 8 bits are the valid address bits. The upper 8 bits must be set to 0.
yData consists of 16 bits.
• For addresses 000 to 0AF (hexadecimal) the lower 8 bits are valid data. The upper 8 bits must be set to 0.
• For addresses 0B0 to 0BB (hexadecimal) the lower 11 bits are valid data. The upper 5 bits must be set to 0.
• For addresses 0BC to 0BF (hexadecimal) the lower 12 bits are valid data. The upper 4 bits must be set to 0.
zWhen data is input, the first 16 bits after the fall of the CS signal are acquired as the address, and then data is acquired
in 16-bit units. The address is automatically incremented ever 16 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com