Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC74751 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC74751
Description  On-Screen Display LSI
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74751 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC74751 Datasheet HTML 1Page - Sanyo Semicon Device LC74751 Datasheet HTML 2Page - Sanyo Semicon Device LC74751 Datasheet HTML 3Page - Sanyo Semicon Device LC74751 Datasheet HTML 4Page - Sanyo Semicon Device LC74751 Datasheet HTML 5Page - Sanyo Semicon Device LC74751 Datasheet HTML 6Page - Sanyo Semicon Device LC74751 Datasheet HTML 7Page - Sanyo Semicon Device LC74751 Datasheet HTML 8Page - Sanyo Semicon Device LC74751 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
No. 5396-3/15
LC74751
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Minimum input pulse width
tW(SCLK) SCLK
200
ns
tW(CS)
CS (the period when CS is high)
1
µs
Data setup time
tSU(CS)
CS
200
ns
tSU(SIN)
SIN
200
ns
Data hold time
th(CS)
CS
2
µs
th(SIN)
SIN
200
ns
One-word write time
tword
The time to write 16 bits of data
10
µs
twt
The time to write data to RAM
1
µs
Timing Characteristics at Ta = –30 to +70°C, VDD1 = 5±0.5 V
Serial Data Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com