Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC74751 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC74751
Description  On-Screen Display LSI
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74751 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC74751 Datasheet HTML 1Page - Sanyo Semicon Device LC74751 Datasheet HTML 2Page - Sanyo Semicon Device LC74751 Datasheet HTML 3Page - Sanyo Semicon Device LC74751 Datasheet HTML 4Page - Sanyo Semicon Device LC74751 Datasheet HTML 5Page - Sanyo Semicon Device LC74751 Datasheet HTML 6Page - Sanyo Semicon Device LC74751 Datasheet HTML 7Page - Sanyo Semicon Device LC74751 Datasheet HTML 8Page - Sanyo Semicon Device LC74751 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Pin Assignment
No. 5396-2/15
LC74751
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD1
VDD1
4.5
5.0
5.5
V
VDD2
VDD2
4.5
5.0
1.27 VDD1
V
Input high-level voltage
VIH
CS, SIN, RST, SCLK, and SEPIN
0.8 VDD1
VDD1 + 0.3
V
Input low-level voltage
VIL
CS, SIN, RST, SCLK, and SEPIN
VSS – 0.3
0.2 VDD1
V
Composite video input voltage
VIN1
CVIN
2 Vp-p
V
VIN2
SYNIN
2 Vp-p
2.5 Vp-p
V
fOSC1
Crystal oscillator pins (NTSC: 2fsc mode)
7.15909
MHz
fOSC2
Crystal oscillator pins (NTSC: 4fsc mode)
14.31818
MHz
Oscillator frequency
fOSC3
Crystal oscillator pins (PAL: 4fsc mode)
17.73447
MHz
fOSC4
Crystal oscillator pins (PAL-M: 4fsc mode)
14.30244
MHz
fOSC5
Crystal oscillator pins (PAL-N: 4fsc mode)
14.32822
MHz
fOSC6
LC oscillator pin (When an LC oscillator is used)
5
7
11
MHz
Allowable Operating Ranges
Specifications
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VDD
VDD1 and VDD2
VSS–0.3 to VSS+7.0
V
Input voltage
VIN
All input pins
VSS–0.3 to VDD+0.3
V
Output voltage
VOUT
VSS–0.3 to VDD+0.3
V
Allowable power dissipation
Pd max
Ta = 25°C
300
mW
Operating temperature
Topr
–30 to +70
°C
Storage temperature
Tstg
–40 to +125
°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Output off leakage current
Ileak
CVOUT
10
µA
Output high-level voltage
VOH1
SEPOUT: VDD1 = 4.5 V, IOH = –1.0 mA
3.5
V
Output low-level voltage
VOL1
SEPOUT: VDD1 = 4.5 V, IOL = 1.0 mA
1.0
V
Input current
IIH
CS, SIN, RST, SCLK, and SEPIN: VIN = VDD1
1
µA
IIL
OSCIN: VIN = VSS
–1
µA
Operating current drain
IDD1
VDD1; All outputs open, Xtal: 17.734MHz, LC = 7MHz
10
mA
IDD2
VDD2; VDD2 = 5.0 V
15
mA
Electrical Characteristics at Ta = –30 to +70°C, VDD1 = 5 V unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com