Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NH033 Datasheet(PDF) 13 Page - Lineage Power Corporation

Part # NH033
Description  Power Modules 5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NH033 Datasheet(HTML) 13 Page - Lineage Power Corporation

Back Button NH033 Datasheet HTML 9Page - Lineage Power Corporation NH033 Datasheet HTML 10Page - Lineage Power Corporation NH033 Datasheet HTML 11Page - Lineage Power Corporation NH033 Datasheet HTML 12Page - Lineage Power Corporation NH033 Datasheet HTML 13Page - Lineage Power Corporation NH033 Datasheet HTML 14Page - Lineage Power Corporation NH033 Datasheet HTML 15Page - Lineage Power Corporation NH033 Datasheet HTML 16Page - Lineage Power Corporation NH033 Datasheet HTML 17Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
NH033x-L and NH050x-L Series Power Modules:
March 2010
5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
Lineage Power
13
Feature Descriptions (continued)
Remote On/Off (continued)
CAUTION: Never ground the ON/OFF pin. Ground-
ing the ON/OFF pin disables an impor-
tant safety feature and may damage the
module or the customer system.
8-1175(C).a
Figure 38. Remote On/Off Implementation
Remote Sense
Remote sense minimizes the effects of distribution
losses by regulating the voltage at the remote-sense
connections. The voltage between the remote-sense
pins and the output pins must not exceed the output
voltage sense range given in the Feature Specifications
table.
The voltage between the VO and GND pins must not
exceed 110% of VO, nom for VO
≥ 2.5 V or 120% of
VO, nom for VO < 2.5 V. This limit includes any increase
in voltage due to remote-sense compensation and out-
put voltage set-point adjustment (trim), see Figure 39.
If not using the remote-sense feature to regulate the out-
put at the point of load, connect SENSE(+) to VO and
SENSE(–) to GND at the module.
8-651(C).i
Figure 39. Effective Circuit Configuration for
Single-Module Remote-Sense Operation
Output Voltage Set-Point Adjustment
(Trim)
Output voltage set-point adjustment allows the output
voltage set point to be increased or decreased by con-
necting an external resistor between the TRIM pin and
either the SENSE(+) pin (decrease output voltage) or
SENSE(–) pin (increase output voltage). The trim
range for modules that produce 2.5 VO or greater is
±10% of VO, nom. The trim range for modules that pro-
duce less than 2.5 VO is +20%, –0%.
Connecting an external resistor (Rtrim-down) between the
TRIM and SENSE(+) pin decreases the output voltage
set point as defined in the following equation.
For the F (3.3 VO) module:
For the G (2.5 VO) module:
Note: Output voltages below 2.5 V cannot be trimmed
down.
Connecting an external resistor (Rtrim-up) between the
TRIM and SENSE(–) pins increases the output voltage
set point to VO, adj as defined in the following equation.
For the G (2.5 VO) module:
For all other modules:
Leave the TRIM pin open if not using that feature.
Overvoltage Protection
Overvoltage protection is not provided in the power
module. External circuitry is required to provide over-
voltage protection.
Vo
Ion/off
ON/OFF
VI
GND
+
Von/off
+
Vswitch
VO
SENSE(+)
SENSE(-)
VI
IO
CONTACT
AND
DISTRIBUTION LOSSES
II
CONTACT
RESISTANCE
GND
SUPPLY
LOAD
Rtrim-down
18.23
VO VO adj
,
–
------------------------------47.2
–
⎝⎠
⎛⎞ kΩ
=
Rtrim-down
6.98
VO VO adj
,
–
------------------------------24
–
⎝⎠
⎛⎞ kΩ
=
Rtrim-up
28
VO adj
,
VO
–
------------------------------10
–
⎝⎠
⎛⎞ kΩ
=
Rtrim-up
28
VO adj
,
VO
–
------------------------------33.2
–
⎝⎠
⎛⎞ kΩ
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com