Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NH033 Datasheet(PDF) 2 Page - Lineage Power Corporation

Part # NH033
Description  Power Modules 5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NH033 Datasheet(HTML) 2 Page - Lineage Power Corporation

  NH033 Datasheet HTML 1Page - Lineage Power Corporation NH033 Datasheet HTML 2Page - Lineage Power Corporation NH033 Datasheet HTML 3Page - Lineage Power Corporation NH033 Datasheet HTML 4Page - Lineage Power Corporation NH033 Datasheet HTML 5Page - Lineage Power Corporation NH033 Datasheet HTML 6Page - Lineage Power Corporation NH033 Datasheet HTML 7Page - Lineage Power Corporation NH033 Datasheet HTML 8Page - Lineage Power Corporation NH033 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
NH033x-L and NH050x-L Series Power Modules:
Data Sheet
5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
March 2010
2
Lineage Power
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
* Forced convection—200 lfpm minimum. Higher ambient temperatures possible with increased airflow and/or decreased power output. See the
Thermal Considerations section for more details.
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions.
Table 1. Input Specifications
Fusing Considerations
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This power module can be used in a wide variety of applications, ranging from simple stand-alone operation to an
integrated part of a sophisticated power architecture. To preserve maximum flexibility, internal fusing is not
included; however, to achieve maximum safety and system protection, always use an input line fuse. The safety
agencies require a normal-blow fuse with a maximum rating of 20 A (see Safety Considerations section). Based on
the information provided in this data sheet on inrush energy and maximum dc input current, the same type of fuse
with a lower rating can be used. Refer to the fuse manufacturer’s data for further information.
Parameter
Device
Symbol
Min
Max
Unit
Input Voltage (continuous)
All
VI
—7.0
Vdc
On/Off Terminal Voltage
All
Von/off
—6.0
Vdc
Operating Ambient Temperature*:
NH033x-L
NH050x-L
All
All
TA
TA
0
0
62
49
°C
°C
Storage Temperature
All
Tstg
–55
125
°C
Parameter
Symbol
Min
Typ
Max
Unit
Operating Input Voltage:
Start-up
Continuous Operation
VI
VI
4.75
4.5
—
5.0
—
5.5
Vdc
Vdc
Maximum Input Current
(VI = 0 V to 5.5 V; IO = IO, max; see Figures 1—8.):
NH033x-L
NH050x-L
II, max
II, max
—
—
—
—
10
16
A
A
Input Reflected-ripple Current, Peak-to-peak
(5 Hz to 20 MHz, 500 nH source impedance;
see Figure 33.)
II
—300
—
mAp-p
Input Ripple Rejection (120 Hz)
—
—
60
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com