Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NH033 Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # NH033
Description  Power Modules 5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NH033 Datasheet(HTML) 1 Page - Lineage Power Corporation

  NH033 Datasheet HTML 1Page - Lineage Power Corporation NH033 Datasheet HTML 2Page - Lineage Power Corporation NH033 Datasheet HTML 3Page - Lineage Power Corporation NH033 Datasheet HTML 4Page - Lineage Power Corporation NH033 Datasheet HTML 5Page - Lineage Power Corporation NH033 Datasheet HTML 6Page - Lineage Power Corporation NH033 Datasheet HTML 7Page - Lineage Power Corporation NH033 Datasheet HTML 8Page - Lineage Power Corporation NH033 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Data Sheet
March 2010
NH033x-L and NH050x-L Series Power Modules:
5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
The NH033x-L and NH050x-L Series Power Modules use
advanced, surface-mount technology and deliver high-qual-
ity, compact, dc-dc conversion at an economical price.
Applications
n
Distributed power architectures
n
Servers
n
Workstations
n
Desktop computers
Features
n
Small size: 69.9 mm x 25.4 mm x 8.6 mm
(2.75 in. x 1.00 in. x 0.34 in.)
n
Non-isolated output
n
Constant frequency
n
High efficiency: 91% typical
n
Overcurrent protection
n
Remote on/off
n
Output voltage adjustment:
90% to 110% of VO, nom: VO Š 2.5 V
100% to 120% of VO, nom: VO < 2.5 V
n
Overtemperature protection
n
Remote sense
n
UL* 60950 Recognized, CSA† C22.2 No. 60950-
00 Certified, VDE 0805 (IEC60950) Licensed
n
Meets FCC Class A radiated limits
Options
n
Tight tolerance output
n
Short pins: 2.79 mm ± 0.25 mm
(0.110 in. ± 0.010 in.)
Description
The NH033x-L and NH050x-L Series Power Modules are non-isolated dc-dc converters that operate over an
input voltage range of 4.5 Vdc to 5.5 Vdc and provide a regulated output between 1.2 V and 3.3 V. The open
frame power modules have a maximum output current rating of 10 A and 15 A, respectively, at typical full-load
efficiencies of 91%.
* UL is a registered trademark of Underwriters Laboratories, Inc.
†
CSA is a registered trademark of Canadian Standards Association.


Similar Part No. - NH033

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
NH03 A-DATA-NH03 Datasheet
501Kb / 1P
NH03 External Hard Drive
More results

Similar Description - NH033

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AXH010A0S0R9 LINEAGEPOWER-AXH010A0S0R9 Datasheet
194Kb / 15P
3.0Vdc-5.5Vdc Input, 0.9 Vdc - 3.3 Vdc Output, 10 A
HW012A0P1 LINEAGEPOWER-HW012A0P1 Datasheet
516Kb / 23P
36-75 Vdc Input; 1.2 Vdc to 5 Vdc Output; 6.6A to 12A
QRW025A0P1 LINEAGEPOWER-QRW025A0P1 Datasheet
805Kb / 27P
36 Vdc - 75 Vdc Input, 1.2 to 3.3 Vdc Output; 25A
QRW040A0S1R01 LINEAGEPOWER-QRW040A0S1R01 Datasheet
961Kb / 36P
36 Vdc - 75 Vdc Input, 1.0 to 12 Vdc Output; 10 A to 40 A
QW020A0P1 LINEAGEPOWER-QW020A0P1 Datasheet
425Kb / 24P
36 Vdc to 75 Vdc Input; 1.2 Vdc to 5.0 Vdc Output; 10 A to 20 A
NH020 LINEAGEPOWER-NH020 Datasheet
1Mb / 17P
Power SIPs 5 Vdc Input; 1.5 Vdc to 3.3 Vdc Output; 20 W
logo
Bel Fuse Inc.
0RCY-D4T03X BEL-0RCY-D4T03X Datasheet
920Kb / 18P
40-60 VDC Input / 3.3 VDC @ 60 A Output
SQE48T50012 BEL-SQE48T50012 Datasheet
1Mb / 13P
36-75 VDC Input; 1.2 VDC @ 50 A Output
SSQE48T10033 BEL-SSQE48T10033 Datasheet
1Mb / 13P
36-75 VDC Input; 3.3 VDC @ 10 A Output
SSQE48T15033 BEL-SSQE48T15033 Datasheet
1Mb / 13P
36-75 VDC Input; 3.3 VDC @ 15 A, 50 W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com