Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7216 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS7216
Description  PROGRAMMABLE DIGITAL DELAY TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7216 Datasheet(HTML) 2 Page - LSI Computer Systems

  LS7216 Datasheet HTML 1Page - LSI Computer Systems LS7216 Datasheet HTML 2Page - LSI Computer Systems LS7216 Datasheet HTML 3Page - LSI Computer Systems LS7216 Datasheet HTML 4Page - LSI Computer Systems LS7216 Datasheet HTML 5Page - LSI Computer Systems LS7216 Datasheet HTML 6Page - LSI Computer Systems LS7216 Datasheet HTML 7Page - LSI Computer Systems LS7216 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TRIGGER Input (TRIG, Pin 14)
A transition at the TRIG input causes OUT to switch with or without de-
lay, depending on the selected mode. The TRIG input to OUT transition
relation is always opposite in polarity, with the exception of One-Shot
mode. (See Mode definitions above.) TRIG input has an internal pull-
down resistor of about 500kΩ and is buffered by a Schmitt trigger to pro-
vide input hysteresis.
LS7215 TIME BASE Input (RC/CLOCK, Pin 4)
For
LS7215, the basic timing signal is applied at the RC/CLOCK input.
The clock can be provided from either an external source or generated
by an internal oscillator by connecting an R-C network to this input. The
frequency of oscillation is given by
ƒ 1/RC. Chip-to-chip oscillation
tolerance is ± 5% for a fixed value of RC.
The minimum resistance, R MIN = 4,000Ω, VDD = + 3V
= 1,200Ω, VDD = +10V
= 1,000Ω, VDD = +18V
The external clock mode is selected by applying a logic low to the RCS/
CLKS input (Pin 5); the internal oscillator mode is selected by applying a
high level to the RCS/CLKS input.
LS7216 TIME BASE Input (XTLI/CLOCK, Pin 4)
For
LS7216, the basic timing clock is applied to the XLTI/CLOCK input
from either an external clock source or generated by an internal crystal
oscillator by connecting a crystal between XTLI/CLOCK input and the
XTLO output (Pin 5).
LS7215 TIME BASE SELECT Input (RCS/CLKS, Pin 5)
For
LS7215, the external clock operation at Pin 4 is selected by ap-
plying a logic low to the RCS/CLKS input. The internal oscillator option
with RC timer at Pin 4 is selected by applying a logic high at the RCS/
CLKS input. RCS/CLKS input has an internal pull-down resistor of about
500kΩ.
LS7216 TIME BASE Output (XTLO, Pin 5)
For
LS7216, when a crystal is used for generating the time base oscilla-
tion, the crystal is connected between XTLI/CLOCK and XTLO pins.
PRESCALER SELECT Input (PSCLS, Pin 6)
The PSCLS input is a 3-state input, which selects one of three prescale
factors according to Table 2.
TABLE 2. PRESCALE FACTOR SELECTION
PSCLS Input
S (Prescale Factor)
Logic Level
LS7215
LS7216
Float
1
1
VSS
3000
32768
VDD
3600
32768 x 60
Using prescale factors of 3000 and 3600, delays in units of minutes can
be produced from 50Hz and 60Hz line sources. Prescale factors of
32,768 and 32,768 x 60 can be used to generate accurate delays in
units of seconds and minutes, respectively, from a 32kHz watch crystal.
TIMER RESET Input (RESET, Pin 7)
When RESET input switches high, any timeout in progress is aborted
and OUT switches high without delay. With RESET high, OUT remains
high. When RESET switches low with TRIG low in any mode, OUT re-
mains high. When RESET switches low with TRIG high in Delayed Op-
erate and Dual Delay modes, the delay timer is started and OUT switch-
es low at the end of the delay timeout. When RESET switches low with
TRIG high in Delayed Release mode, OUT switches low without delay.
When RESET switches low with TRIG high in One-Shot mode, OUT re-
mains high. RESET input has an internal pull-down resistor of about
500kΩ and is buffered by a Schmitt Trigger to provide input hysteresis.
7215-072009-2
VSS (-V, Pin 8)
Supply voltage negative terminal or GND.
DELAY Output (OUT, Pin 9)
Except in One-Shot mode, OUT switches with or without delay (de-
pending on mode) in inverse relation to the logic level of the TRIG in-
put. In One-Shot mode, a timed low level is produced at OUT, in re-
sponse to a positive transition of the TRIG input.
LOAD Input (LOAD, Pin 20)
The LOAD input allows the weighting bits, WB0 - WB7, to be latched
from a shared bus, such as a MCU IO port. When the LOAD is low,
the internal weighting bits dynamically follow the data presented at the
WB0 - WB7 inputs. When the LOAD is switched high, the WB0 - WB7
data become latched, freeing up the bus to service other peripheral
devices. LOAD input has an internal pull-down resistor to VSS.
OPEN DRAIN DELAY Output (ODOUT, Pin 10)
The ODOUT is the open drain version of the delay output which en-
ables the chip to directly drive a relay, operating at a voltage higher
than the chip supply voltage through a single NPN transistor (see Fig-
ure 10) . Functionally, the ODOUT is identical to the other delay out-
put, OUT.
WEIGHTING BIT Inputs (WB7 to WB0, Pins 11 - 18)
Inputs WB0 through WB7 are binary weighted delay bits used to pro-
gram the delay according to the following relations:
One-Shot Mode: Pulse width = SW
ƒ
All other Modes: Delay = SW + 0.5
ƒ
Where:
S = Prescale factor (See Table 2)
ƒ = Time base frequency at Pin 4
W = WB0 + WB1 + ....... WB7
The weighting factor, W, is calculated by substituting in the equation
above for W, the weighted values for all the WB inputs that are at logic
high. The weighted values for the WB inputs are shown in Table 3.
Each WB input has an internal pull-down resistor of about 500kΩ.
TABLE 3. BIT WEIGHTS
BITS
VALUE
WB0
1
WB1
2
WB2
4
WB3
8
WB4
16
WB5
32
WB6
64
WB7
128
VDD (+V, Pin 3)
Supply voltage positive terminal.
The information included herein is believed to be ac-
curate and reliable. LSI Computer Systems, Inc. as-
sumes no responsibilities for inaccuracies, nor for any
infringements of patent rights of others which may re-
sult from its use.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com