Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7216 Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS7216
Description  PROGRAMMABLE DIGITAL DELAY TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7216 Datasheet(HTML) 3 Page - LSI Computer Systems

  LS7216 Datasheet HTML 1Page - LSI Computer Systems LS7216 Datasheet HTML 2Page - LSI Computer Systems LS7216 Datasheet HTML 3Page - LSI Computer Systems LS7216 Datasheet HTML 4Page - LSI Computer Systems LS7216 Datasheet HTML 5Page - LSI Computer Systems LS7216 Datasheet HTML 6Page - LSI Computer Systems LS7216 Datasheet HTML 7Page - LSI Computer Systems LS7216 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
7215-062409-3
ABSOLUTE MAXIMUM RATINGS: (All voltages referenced to VSS)
SYMBOL
VALUE
UNIT
DC Supply Voltage
VDD
+19
V
Voltage (Any Pin)
VIN
VSS - 0.3 to VDD + 0.3
V
Operating Temperature
TA
-20 to +85
°C
Storage Temperature
TSTG
-65 to +150
°C
Characteristic
SYMBOL VDD
Unit Condition
Min
Max
Min
Max
Min
Max
Supply Voltage
VDD
-
3.0
18.0
3.0
18.0
3.0
18.0
V
-
3.0
-
66
-
55
-
44
µA
Supply Current
IDD
10.0
-
252
-
210
-
168
µA
with the clock off and
18.0
-
540
-
450
-
360
µA
all inputs floating.
Input Voltages:
3.0
-
0.8
-
0.75
-
0.7
V
Reset, Trigger Low
VTL
10.0
-
2.3
-
2.2
-
2.1
V
-
18.0
-
3.9
-
3.8
-
3.7
V
3.0
2.2
-
2.1
-
2.0
-
V
Reset, Trigger High
VTH
10.0
6.1
-
6.0
-
5.9
-
V
-
18.0
9.7
-
10.5
-
11.0
-
V
3.0
0.7
-
0.7
-
0.7
-
V
Reset, Trigger Hysteresis
10.0
2.2
-
2.2
-
2.2
-
V
-
18.0
3.9
-
3.9
-
3.9
-
V
3.0
-
1.1
-
1.1
-
1.1
V
All other inputs, Low
VIL
10.0
-
4.5
-
4.5
-
4.5
V
-
18.0
-
10.6
-
10.6
-
10.6
V
3.0
1.9
-
1.9
-
1.9
-
V
All other inputs, High
VIH
10.0
6.5
-
6.5
-
6.5
-
V
-
18.0
13.3
-
13.3
-
13.3
-
V
Input Currents:
3.0
-
3.2
-
2.5
-
1.9
µA
PSCLS Low
IPL
10.0
-
31
-
24
-
18
µA
Input at VSS
18.0
-
84
-
65
-
49
µA
3.0
-
9.8
-
7.5
-
5.8
µA
PSCLS High
IPH
10.0
-
31
-
24
-
18.2
µA
Input at VDD
18.0
-
85
-
65
-
49
µA
3.0
-
6.0
-
5.0
-
4.0
µA
A, B Low
IML
10.0
-
59
-
48
-
38
µA
Input at VSS
18.0
-
157
-
128
-
98
µA
A, B High
IMH
-
-
100
-
100
-
200
nA
Input at VDD
All other inputs, Low
IIL
-
-
100
-
100
-
200
nA
Input at VSS
3.0
-
33
-
27
-
23
µA
All other inputs, High
IIH
10.0
-
128
-
105
-
81
µA
Input at VDD
18.0
-
131
-
107
-
82
µA
Output Current:
3.0
13.2
-
10.1
-
7
-
mA
OUT, ODOUT Sink
IOSNK
10.0
26
-
19.7
-
15
-
mA Vo = +0.5V
18.0
30.7
-
23.6
-
17
-
mA
3.0
4.1
-
3.2
-
2.1
-
mA
OUT Source
IOSRC
10.0
7.2
-
5.5
-
4.1
-
mA Vo = VDD - 0.5V
18.0
8.2
-
6.3
-
4.6
-
mA
ODOUT Source
-
0
-
0
-
0
-
mA In all conditions
-20°C
+25°C
+85°C
ELECTRICAL CHARACTERISTICS (Voltages referenced to Vss)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com