Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7216 Datasheet(PDF) 6 Page - LSI Computer Systems

Part # LS7216
Description  PROGRAMMABLE DIGITAL DELAY TIMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7216 Datasheet(HTML) 6 Page - LSI Computer Systems

  LS7216 Datasheet HTML 1Page - LSI Computer Systems LS7216 Datasheet HTML 2Page - LSI Computer Systems LS7216 Datasheet HTML 3Page - LSI Computer Systems LS7216 Datasheet HTML 4Page - LSI Computer Systems LS7216 Datasheet HTML 5Page - LSI Computer Systems LS7216 Datasheet HTML 6Page - LSI Computer Systems LS7216 Datasheet HTML 7Page - LSI Computer Systems LS7216 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
7215-062309-6
FIGURE 5. RC- Oscillator Connection
LS7216
FIGURE 6. MULTI-TIMER WITH SINGLE CRYSTAL TIME-BASE
LS7216
LS7215
4
4
CLOCK
25pF
470k
5
4
10M
XTLO
XTLI
25pF
CLOCK
CRYSTAL
+V
1M
120VAC
200pF
4
8
CLOCK
LS7215
V SS
V DD
3
FIGURE 7. DRIVING CLOCK INPUT FROM THE AC LINE
+V
LS7215
FIGURE 8. DELAY EXTENSION BY CASCADING
*
*
TRIGGER
ƒ
1, 2
11-18
8
2
3
4
WB0-WB7
TRIG
CLOCK
A, B
9
VSS
8
LS7215
*
*
1, 2
11-18
8
2
3
4
WB0-WB7
TRIG
CLOCK
A, B
9
OUT
8
19
19
* Connect for desired delay and mode
OUT
VDD
VDD
OUT
WB LOAD
WB LOAD
LOAD
LOAD
VSS
20
20
+V
V SS
10k
0.1µF
RC
3
LS7215
VDD
+V
8
4
ƒ =
1
10 x 10 x 0.1 x 10
= 1kHz
3
-6
ƒ
5
RCS/CLKS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com