Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC197 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC197
Description  3.5MHz, 500mA Synchronous Dual Step-Down DC-DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC197 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC197 Datasheet HTML 9Page - Semtech Corporation SC197 Datasheet HTML 10Page - Semtech Corporation SC197 Datasheet HTML 11Page - Semtech Corporation SC197 Datasheet HTML 12Page - Semtech Corporation SC197 Datasheet HTML 13Page - Semtech Corporation SC197 Datasheet HTML 14Page - Semtech Corporation SC197 Datasheet HTML 15Page - Semtech Corporation SC197 Datasheet HTML 16Page - Semtech Corporation SC197 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
SC197
13
lower will simplify the design. If I
LEAK is neglected and RFB2
is fixed, R
FB1 can be determined using the equation.
SET
SET
OUT
2
FB
1
FB
V
V
V
R
R
Inserting resistance in the feedback loop will adversely
affect the system’s transient performance if feed-forward
capacitance is not included in the circuit. The circuit in
Figure 1 illustrates how the resistor divider and feed-
forward capacitor can be added to the SC197 schematic.
The value of feed-forward capacitance needed can be
determined using the equation.
5
.
0
V
V
V
R
5
.
0
V
V
10
4
C
SET
SET
OUT
1
FB
2
OUT
SET
6
FF
SC197
INA
CTL3A
CTL2A
CTL1A
CTL0A
LXA
OUTA
GNDA
VOUT
VIN
LX
COUT
CIN
Enable
CFF
RFB1
RFB2
Figure 1 — Application Circuit with External Resistors
To simplify the design, it is recommended to program the
output setting to 1.0V, use resistor values smaller than
10kΩ, and include a feed-forward capacitance calculated
with the equation above. If the output voltage is set to
1.0V, the previous equation reduces to the following.
1
V
R
5
.
0
V
10
8
C
OUT
1
FB
2
OUT
6
FF
Example:
An output voltage of 1.3V is desired, but this is not a pro-
grammable option. What external component values for
Figure 1 are needed?
Solution: To keep the circuit simple, set R
FB2 to 10kΩ so
current into the OUT(A/B) pin can be neglected and set
the CTL3-0 pins to 0010 (1.0V setting). The necessary
component values are as follows:
k
3
V
V
V
R
R
SET
SET
OUT
2
FB
1
FB
nF
69
.
5
1
V
R
5
.
0
V
10
8
C
OUT
1
FB
2
OUT
6
FF
PWM Operation
Normal PWM operation occurs when the output load
current exceeds the PSAVE threshold. In this mode, the
PMOS high side switch is activated with the duty cycle
required to produce the output voltage programmed by
the CTLx(A/B) pins. An internal synchronous NMOS recti-
fier eliminates the need for an external Schottky diode on
the LX(A/B) pin. The duty cycle (percentage of time PMOS
is active) increases as V
IN decreases to maintain output
voltage regulation. As the input voltage approaches the
programmed output voltage, the duty cycle approaches
100% (PMOS always on) and the device enters a pass-
through mode. This mode remains active until the input
voltage increases or the load decreases enough to allow
PWM switching to resume.
Power Save Mode Operation
When the load current decreases below the PSAVE
threshold, PWM switching stops and the device auto-
matically enters PSAVE mode. This threshold varies
depending on the input voltage and output voltage
setting, optimizing efficiency for all possible load currents
in PWM or PSAVE mode. While in PSAVE mode, output
voltage regulation is controlled by a series of switching
bursts. During a burst, the inductor current is limited to a
peak value which controls the on-time of the PMOS
switch. After reaching this peak, the PMOS switch is dis-
abled and the inductor current decreases to near 0mA.
Switching bursts continue until the output voltage climbs
to V
OUT +2.5% or until the PSAVE current limit is reached.
Switching is then stopped to eliminate switching losses,
enhancing overall efficiency. Switching resumes when
the output voltage reaches the lower threshold of V
OUT
and continues until the upper threshold again is reached.
Note that the output voltage is regulated hysteretically
while in PSAVE mode between V
OUT and VOUT + 2.5%. The
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com