Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC197 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC197
Description  3.5MHz, 500mA Synchronous Dual Step-Down DC-DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC197 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC197 Datasheet HTML 10Page - Semtech Corporation SC197 Datasheet HTML 11Page - Semtech Corporation SC197 Datasheet HTML 12Page - Semtech Corporation SC197 Datasheet HTML 13Page - Semtech Corporation SC197 Datasheet HTML 14Page - Semtech Corporation SC197 Datasheet HTML 15Page - Semtech Corporation SC197 Datasheet HTML 16Page - Semtech Corporation SC197 Datasheet HTML 17Page - Semtech Corporation SC197 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
SC197
14
period and duty cycle while in PSAVE mode are solely
determined by V
IN and VOUT until PWM mode resumes. This
can result in the switching frequency being much lower
than the PWM mode frequency.
If the output load current increases enough to cause V
OUT
to decrease below the PSAVE exit threshold (V
OUT -2%), the
device automatically exits PSAVE and operates in continu-
ous PWM mode. Note that the PSAVE high and low
threshold levels are both set at or above V
OUT to minimize
undershoot when the SC197 exits PSAVE. Figure 2 illus-
trates the transitions from PWM mode to PSAVE mode and
back to PWM mode.
VOUT -2%
VOUT
VOUT +2.5%
Load
Demand
(
IOUT)
BURST
OFF
VLX
Time
PWM Mode at
Medium/High
Load
PSAVE Mode at
Light Load
PWM Mode at
Medium/High
Load
PSAVE
EXIT
Figure 2 — Transitions Between PWM and PSAVE Modes
Protection Features
The SC197 provides the following protection features:
Soft-Start Operation
Over-Voltage Protection
Current Limit
Thermal Shutdown
Under-Voltage Lockout
Soft-Start
The soft-start sequence is activated after a transition from
an all zeros CTLx(A/B) code to a non-zero CTLx(A/B) code
enables the device. At start-up, the PMOS current limit is
stepped through four levels: 25%, 40%, 60%, and 100%.
Each step is maintained for 60μs following an internal ref-
erence start up of 20μs, resulting in a total nominal
•
•
•
•
•
Applications Information (continued)
start-up period of 260μs. If V
OUT reaches 90% of the target
within the first 2 steps, the device continues in PSAVE
mode at the end of soft-start; otherwise, it goes into PWM
mode. Note the V
OUT ripple in PSAVE mode can be larger
than the ripple in PWM mode.
Over-Voltage Protection
OVP (Over-Voltage Protection) ensures the output voltage
does not rise to a level that could damage its load. When
V
OUT exceeds the regulation voltage by 15%, the PWM
drive is disabled. Switching does not resume until V
OUT has
fallen below the regulation voltage by 2%.
Current Limit
The SC197 switching stage is protected by a current limit
function. If the output load exceeds the PMOS current
limit for 32 consecutive switching cycles, the device enters
fold-back current limit mode and the output current is
limited to approximately 150mA. Under these conditions,
the output voltage will be the product of I
FB-LIM and the load
resistance. The load must fall below I
FB-LIM for the device to
exit fold-back current limit mode. This function makes the
device capable of sustaining an indefinite short circuit on
its output under fault conditions.
Thermal Shutdown
The SC197 has a thermal shutdown feature to protect the
device if the junction temperature exceeds 160°C. During
thermal shutdown, the PMOS and NMOS switches are
both disabled, tri-stating the LX(A/B) output. When the
junction temperature drops by the hysteresis value (20°C),
the device goes through the soft-start process and
resumes normal operation.
Under-Voltage Lockout
UVLO (Under-Voltage Lockout) activates when the supply
voltage drops below the UVLO threshold. This prevents
the device from entering an ambiguous state in which
regulation cannot be maintained. Hysteresis of approxi-
mately 200mV is included to prevent chattering near the
threshold.
Inductor Selection
The SC197 is designed to operate with a 1µH inductor
between the LX(A/B) pin and the OUT(A/B) pin. Other
values may lead to instability, malfunction, or out-of-
specification performance. The specified current levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com