Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33874 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 33874
Description  Quad High Side Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33874 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 33874 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
33874
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
CDTOLR, DICR, UOVR, WDR, and NAR registers. (Refer to
the section entitled Serial Output Communication (Device
Status Return Data) beginning on page 24.)
ADDRESS 00001—OUTPUT CONTROL REGISTER
(OCR0)
The OCR0 register allows the MCU to control the ON/OFF
state of four outputs through the SPI. Incoming message bit
D3:D0 reflects the desired states of the four high side outputs
(INx_SPI), respectively. A logic [1] enables the
corresponding output switch and a logic [0] turns it OFF.
ADDRESS 01001—OUTPUT CONTROL REGISTER
(OCR1)
Incoming message bits D3:D0 reflect the desired output
that will be mirrored on the Current Sense (CSNS) pin. A
logic [1] on message bits D3:D0 enables the CSNS pin for
outputs HS3:HS0, respectively. In the event the current
sense is enabled for multiple outputs, the current will be
summed. In the event that bits D3:D0 are all logic [0], the
output CSNS will be tri-stated. This is useful when several
CSNS pins of several devices share the same A/D converter.
ADDRESS A1A0010—SELECT OVER-CURRENT
HIGH AND LOW REGISTER (SOCHLR_S)
The SOCHLR_s register allows the MCU to configure the
output over-current low and high detection levels,
respectively. Each output “s” is independently selected for
configuration based on the state of the D12:D11 bits
(Table 10).
Each output can be configured to different levels. In
addition to protecting the device, this slow blow fuse
emulation feature can be used to optimize the load
requirements matching system characteristics. Bits D2:D0
set the over-current low detection level to one of eight
possible levels, as shown in Table 11, page 23. Bit D3 sets
the over-current high detection level to one of two levels, as
outlined in Table 12, page 23.
ADDRESS A1A0011—CURRENT DETECTION TIME
AND OPEN LOAD REGISTER (CDTOLR)
The CDTOLR register is used by the MCU to determine
the amount of time the device will allow an over-current low
condition before an output latches OFF. Each output is
independently selected for configuration based on A1A0,
which are the state of the D12:D11 bits (refer to Table 10,
page 23).
Bits D1:D0 (OCLT1_s:OCLT0_s) allow the MCU to select
one of three over-current fault blanking times defined in
Table 13. Note that these timeouts apply only to the over-
current low detection levels. If the selected over-current high
level is reached, the device will latch off within 20
μs.
Table 10. Output Selection
A1 (D12)
A0 (D11)
HS_s
0
0
HS0
0
1
HS1
1
0
HS2
1
1
HS3
Table 11. Over-current Low Detection Levels
SOCL2_s
*
(D2)
SOCL1_s
*
(D1)
SOCL0_s
*
(D0)
Over-current Low
Detection (Amperes)
HS0 to HS3
0
0
0
10
0
0
1
8.9
0
1
0
7.9
0
1
1
7.0
1
0
0
5.8
1
0
1
4.8
1
1
0
3.9
1
1
1
2.8
* “_s” refers to the output, which is selected through bits D12:D11;
refer to Table 10, page 23.
Table 12. Over-current High Detection Levels
SOCH_s
* (D3)
Over-current High Detection (Amperes)
HS0 to HS3
0
55
1
40
* “_s” refers to the output, which is selected through bits D12:D11;
refer to Table 10, page 23.
Table 13. Over-current Low Detection Blanking Time
OCLT[1:0]_s
*
Timing
00
155ms
01
Do not use
10
75ms
11
150
μs
* “_s” refers to the output, which is selected through bits D12:D11;
refer to Table 10, page 23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com