Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33874 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33874
Description  Quad High Side Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33874 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33874 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Document Number:
MC33874
Rev. 9.0, 8/2008
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2006-2008. All rights reserved.
Quad High Side Switch
(Quad 35m
Ω)
The 33874 is one in a family of devices designed for low-voltage
automotive and industrial lighting and motor control applications. Its
four low RDS(ON) MOSFETs (four 35mΩ) can control the high sides of
four separate resistive or inductive loads.
Programming, control, and diagnostics are accomplished using a
16-bit SPI interface. Additionally, each output has its own parallel input
for pulse-width modulation (PWM) control if desired. The 33874 allows
the user to program via the SPI the fault current trip levels and duration
of acceptable lamp inrush or motor stall intervals. Such
programmability allows tight control of fault currents and can protect
wiring harnesses and circuit boards as well as loads.
The 33874 is packaged in a power-enhanced 12x 12 nonleaded
Power QFN package with exposed tabs.
Features
• Quad 35m
Ω high side switches (at 25°C)
• Operating voltage range of 6.0V to 27V with standby current <
5.0
μA
• SPI control of over-current limit, over-current fault blanking time,
output OFF open load detection, output ON/OFF control,
watchdog timeout, slew rates, and fault status reporting
• SPI status reporting of over-current, open and shorted loads,
over-temperature, under-voltage and over-voltage shutdown,
fail-safe pin status, and program status
• Analog current feedback with selectable ratio
• Analog board temperature feedback
• Enhanced -16V reverse polarity VPWR protection
• Pb-free packaging designated by suffix code PNA
Figure 1. 33874 Simplified Application Diagram
HIGH SIDE SWITCH
PNA SUFFIX (PB_FREE)
98ART10510D
24-PIN PQFN (12 x 12)
33874
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33874BPNA/R2
-40°C to 125°C
24 PQFN
33874
HS0
HS1
GND
GND
FSI
CSNS
HS2
HS3
MCU
SCLK
LOAD 0
LOAD 1
LOAD 2
LOAD 3
SCLK
IN0
I/O
IN1
IN2
IN3
I/O
SI
SO
I/O
I/O
A/D
VPWR
VDD
VDD
VPWR
WAKE
I/O
I/O
VDD
VDD
CS
CS
RST
SO
VPWR
SI
FS
TEMP
A/D


Similar Part No. - 33874

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33874 FREESCALE-33874 Datasheet
895Kb / 37P
Quad High-Side Switch (Quad 35 m??
More results

Similar Description - 33874

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR8400P IRF-IR8400P Datasheet
763Kb / 16P
QUAD HIGH SIDE SWITCH
logo
Maxim Integrated Produc...
MAX625 MAXIM-MAX625 Datasheet
251Kb / 7P
Quad, High-Side Power Switch
Rev 1; 10/94
logo
Freescale Semiconductor...
MC35XS3400 FREESCALE-MC35XS3400 Datasheet
2Mb / 45P
Quad High Side Switch (Quad 35m廓)
logo
Rohm
MC33874 ROHM-MC33874 Datasheet
1Mb / 38P
Quad High Side Switch (Quad 35mOHM)
logo
Freescale Semiconductor...
35XS3400 FREESCALE-35XS3400_11 Datasheet
1Mb / 48P
Quad High Side Switch
33892 FREESCALE-33892 Datasheet
847Kb / 28P
Quad Intelligent High-Side Switch
33894 FREESCALE-33894 Datasheet
1Mb / 28P
Quad High-Side Switch
15XS3400 FREESCALE-15XS3400_12 Datasheet
1Mb / 52P
Quad High Side Switch (Quad 15 mOhm)
35XS3400 FREESCALE-35XS3400_12 Datasheet
1Mb / 46P
Quad High Side Switch (Quad 35 mOhm)
10XSC425 FREESCALE-10XSC425 Datasheet
826Kb / 56P
Quad High Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com