Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33874 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33874
Description  Quad High Side Switch
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33874 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33874 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33874 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33874
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33874 Pin Connections
Table 1. 33874 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 15.
Pin
Number
Pin Name
Pin
Function
Formal Name
Definition
1
CSNS
Output
Output Current
Monitoring
The Current Sense pin sources a current proportional to the designated
HS0
:HS3 output.
2
3
5
6
IN0
IN1
IN2
IN3
Input
Parallel Inputs
The IN0:IN3 high side input pins are used to directly control HS0:HS3 high
side output pins, respectively.
4
TEMP
Output
Temperature
Feedback
This pin reports an analog value proportional to the temperature of the GND
flag (pins 14, 17, 23). It is used by the MCU to monitor board temperature.
7
FS
Output
Fault Status
(Active Low)
This pin is an open drain configured output requiring an external pull-up
resistor to VDD for fault reporting.
8
WAKE
Input
Wake
This input pin controls the device mode and watchdog timeout feature if
enabled.
9
RST
Input
Reset
This input pin is used to initialize the device configuration and fault registers,
as well as place the device in a low-current Sleep Mode.
10
CS
Input
Chip Select
(Active Low)
This input pin is connected to a chip select output of a master microcontroller
(MCU).
11
SCLK
Input
Serial Clock
This input pin is connected to the MCU providing the required bit shift clock for
SPI communication.
12
SI
Input
Serial Input
This pin is a command data input pin connected to the SPI Serial Data Output
of the MCU or to the SO pin of the previous device of a daisy
-chain of devices.
13
VDD
Power
Digital Drain Voltage
(Power)
This pin is an external voltage input pin used to supply power to the SPI circuit.
Transparent Top View of Package
13
24
12
10 9
8
7
6
5
4
321
11
23
22
19
20
21
16
17
18
15
14
SO
GND
HS3
HS1
NC
HS0
HS2
GND
FSI
GND
VPWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com