Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33892PNC Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # PC33892PNC
Description  Quad Intelligent High-Side Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33892PNC Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  PC33892PNC Datasheet HTML 1Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 2Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 3Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 4Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 5Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 6Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 7Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 8Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33892
5
MAXIMUM RATINGS
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Unit
Operating Voltage Range
Steady-State
VPWR(SS)
-16 to 41
V
VDD Supply Voltage
VDD
0 to 5.5
V
Input/Output Voltage (Note 3)
VIN[0:3], RST, FSI,
CSNS, SI, SCLK,
CS
, FS
-0.3 to 7.0
V
SO Output Voltage (Note 3)
VSO
-0.3 to VDD+0.3
V
WAKE Input Clamp Current
ICL(WAKE)
2.5
mA
CSNS Input Clamp Current
ICL(CSNS)
10
mA
Output Current (Note 4)
IHS0, IHS1
25
A
Output Current (Note 4)
IHS2, IHS3
12
A
Output Clamp Energy (Note 5)
ECL0, ECL1
TBD
J
Output Clamp Energy (Note 5)
ECL2, ECL3
TBD
J
Storage Temperature
TSTG
-55 to 150
°C
Operating Ambient Temperature
TA
-40 to 125
°C
Operating Junction Temperature
TJ
-40 to 150
°C
Thermal Resistance
Junction to Case
Junction to Ambient
RθJC
RθJA
<1.0
TBD
°C/W
ESD Voltage
Human Body Model (Note 6)
Machine Model (Note 7)
VESD1
VESD2
±2000
±200
V
Terminal Soldering Temperature (Note 8)
TSOLDER
240
°C
Notes
3.
Exceeding voltage limits on IN[0:3], RST, FSI, CSNS, SI, SO, SCLK, CS, or FS terminals may cause a malfunction or permanent damage to
the device.
4.
Continuous high-side output current rating so long as maximum junction temperature is not exceeded. Calculation of maximum output current
using package thermal resistance is required.
5.
Active clamp energy using single-pulse method (L = 16 mH, RL = 0 Ω, VPWR = 12 V, TJ = 150°C).
6.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω).
7.
ESD2 testing is performed in accordance with the Machine Model (CZAP = 200 pF, RZAP = 0 Ω) and in accordance with the system module
specification with a capacitor > 0.01
µF connected from high-side outputs to GND.
8.
Terminal soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com