Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33892PNC Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # PC33892PNC
Description  Quad Intelligent High-Side Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33892PNC Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button PC33892PNC Datasheet HTML 4Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 5Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 6Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 7Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 8Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 9Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 10Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 11Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
33892
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
8
STATIC ELECTRICAL CHARACTERISTICS (continued)
Characteristics noted under conditions 4.5 V
≤ VDD ≤ 5.5 V, 6.0 V ≤ VPWR ≤ 27 V, -40°C ≤ TJ ≤ 150°C unless otherwise noted. Typical
values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
OUTPUTS HS0 AND HS1 (continued)
Current Sense Ratio (CSR1) Accuracy
Output Current
5.0 A
10 A
12.5 A
15 A
20 A
25 A
CSR1_ACC
-25
-19
-18
-17
-18
-18
–
–
–
–
–
–
25
19
18
17
18
18
%
Maximum Current Sense Clamp Voltage
ICSNS = 15 mA
VCL(MAXCSNS)
4.5
6.0
7.0
V
Open Load Detection Current (Note 12)
IOLDC
30
–
100
µA
Output Fault Detection Threshold
Output Programmed OFF
VOFD(THRES)
2.0
3.0
4.0
V
Output Negative Clamp Voltage
0.5 A < = IHS < = 2.0 A, Output OFF
VCL
-20
–
–
V
Overtemperature Shutdown (Note 13)
TA = 125°C, Output OFF
TSD
150
175
190
°C
Overtemperature Shutdown Hysteresis (Note 13)
TSD(HYS)
5.0
–
20
°C
OUTPUTS HS2 AND HS3
Output Drain-to-Source ON Resistance
(IHS[2:3] = 5.0 A, TJ = 25°C)
VPWR = 6.0 V
VPWR = 10 V
VPWR = 13 V
RDS(ON)25
–
–
–
–
–
–
55
35
35
m
Ω
Output Drain-to-Source ON Resistance (IHS[2:3] = 5.0 A, TJ = 150°C)
VPWR = 6.0 V
VPWR = 10 V
VPWR = 13 V
RDS(ON)150
–
–
–
–
–
–
94
60
60
m
Ω
Output Source-to-Drain ON Resistance (Note 14)
IHS = 15 A, TJ = 25°C, VPWR = -12 V
RDS(ON)
–35
70
m
Ω
Output Overcurrent High Detection Levels (9.0 V < VPWR < 16 V)
SOCH = 0
SOCH = 1
IOCH0
IOCH1
40
28
50
35
62
43
A
Notes
12.
Output OFF Open Load Detection Current is the current required to flow through the load for the purpose of detecting the existence of an
open load condition when the specific output is commanded OFF.
13.
Guaranteed by process monitoring. Not production tested.
14.
Source-Drain ON Resistance (Reverse Drain-to-Source ON Resistance) with negative polarity VPWR.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com