Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33892PNC Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # PC33892PNC
Description  Quad Intelligent High-Side Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33892PNC Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button PC33892PNC Datasheet HTML 2Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 3Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 4Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 5Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 6Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 7Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 8Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 9Page - Freescale Semiconductor, Inc PC33892PNC Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
33892
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
6
STATIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 4.5 V
≤ VDD ≤ 5.5 V, 6.0 V ≤ VPWR ≤ 27 V, -40°C ≤ TJ ≤ 150°C unless otherwise noted. Typical
values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Battery Supply Voltage Range
Fully Operational
VPWR
6.0
–
27
V
VPWR Operating Supply Current
Outputs ON, IHS[0:3] =0A
IPWR(on)
––
20
mA
VPWR Supply Current
Outputs OFF, Open Load Detection Disabled, WAKE > 0.7 VDD,
RST
= VLOGIC HIGH
IPWR(sby)
––
5.0
mA
Sleep State Supply Current (VPWR < 14 V, RST < 0.5 V, WAKE < 0.5 V)
TJ = 25°C
TJ = 85°C
IPWR(sleep)
–
–
–
–
10
50
µA
VDD Supply Voltage
VDD(on)
4.5
5.0
5.5
V
VDD Supply Current
No SPI Communication
3.0 MHz SPI Communication
IDD(on)
–
–
–
–
1.0
5.0
mA
VDD Sleep State Current
IDD(sleep)
––
5.0
µA
Overvoltage Shutdown Threshold
VPWR(OV)
28
32
36
V
Overvoltage Shutdown Hysteresis
VPWR(OVHYS)
0.2
0.8
1.5
V
Undervoltage Shutdown Threshold (Note 9)
VPWR(UV)
4.75
5.24
5.75
V
Undervoltage Hysteresis (Note 10)
VPWR(UVHYS)
–0.25
–
V
Undervoltage Power-ON Reset
VPWR(UVPOR)
––
5.0
V
Notes
9.
Output will automatically recover to instructed state when VPWR voltage is restored to normal so long as the VPWR degradation level did not
go below the undervoltage power-ON reset threshold. This applies to all internal device logic that is supplied by VPWR and assumes that the
external VDD supply is within specification.
10.
This applies when the undervoltage fault is not latched (IN = 0).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com