Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5238 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N5238
Description  NPN POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5238 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N5238 Datasheet HTML 1Page - Microsemi Corporation 2N5238 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
NPN POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/394
T4-LDS-0014 Rev. 4 (082192)
Page 1 of 2
DEVICES
LEVELS
2N4150
2N5237
2N5238
JAN
2N4150S
2N5237S
2N5238S
JANTX
JANTXV
JANS
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
2N4150
2N4150S
2N5237
2N5237S
2N5238
2N5238S
Unit
Collector-Emitter Voltage
VCEO
70
120
170
Vdc
Collector-Base Voltage
VCBO
100
150
200
Vdc
Emitter-Base Voltage
VEBO
10
Vdc
Collector Current
IC
10
Adc
Total Power Dissipation
@ TA = +25°C
(1)
@ TC = +25°C
(2)
PT
1.0
15
W
Operating & Storage Junction Temperature Range
Tj , Tstg
-65 to +200
°C
Thermal Resistance, Junction-to Case
Junction- to Ambient
RθJC
RθJA
10
175
°C/W
1)
Derate linearly @ 5.7mW/°C for TA > +25°C
2)
Derate linearly @ 100mW/°C for TC > +25°C
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 0.1mAdc
2N4150, 2N4150S
2N5237, 2N5237S
2N5238, 2N5238S
V(BR)CEO
70
120
170
Vdc
Collector-Emitter Cutoff Current
VBE = 0.5Vdc, VCE = 60Vdc
VBE = 0.5Vdc, VCE = 110Vdc
VBE = 0.5Vdc, VCE = 160Vdc
2N4150, 2N4150S
2N5237, 2N5237S
2N5238, 2N5238S
ICEX
10
10
10
µAdc
Collector-Emitter Cutoff Current
VCE = 60Vdc
VCE = 110Vdc
VCE = 160Vdc
2N4150, 2N4150S
2N5237, 2N5237S
2N5238, 2N5238S
ICEO
10
10
10
µAdc
Emitter-Base Cutoff Current
VEB = 7.0Vdc
VEB = 5.0Vdc
IEBO
10
0.1
µAdc
TO-5
2N4150, 2N5237, 2N5238
TO-39
(TO-205AD)
2N4150S, 2N5237S, 2N5238S


Similar Part No. - 2N5238

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N5238 SEMICOA-2N5238 Datasheet
55Kb / 2P
Type 2N5238 Geometry 3111 Polarity NPN
logo
Microsemi Corporation
2N5238 MICROSEMI-2N5238 Datasheet
63Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N5238 ETC1-2N5238 Datasheet
93Kb / 2P
COLLECTOR CURRENT = 10 AMPS NPN TYPES
logo
Semicoa Semiconductor
2N5238 SEMICOA-2N5238 Datasheet
203Kb / 2P
Silicon NPN Transistor
logo
New Jersey Semi-Conduct...
2N5238 NJSEMI-2N5238 Datasheet
174Kb / 1P
NPN TO-39/TO-5
More results

Similar Description - 2N5238

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com