Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5686 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N5686
Description  NPN POWER SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5686 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N5686 Datasheet HTML 1Page - Microsemi Corporation 2N5686 Datasheet HTML 2Page - Microsemi Corporation 2N5686 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
NPN POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/464
T4-LDS-0162 Rev. 1 (100546)
Page 1 of 3
DEVICES
LEVELS
2N5685
2N5686
JAN
JANTX
JANTV
Note:
1. Derate linearly 1.715 W/°C between TC = 25°C and TC = 200°C
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERTICS
(1)
Collector-Emitter Breakdown Voltage
IC = 100mAdc
2N5685
2N5686
V(BR)CEO
60
80
Vdc
Collector-Emitter Cutoff Current
VCE = 30Vdc
VCE = 40Vdc
2N5685
2N5686
ICEO
500
500
μAdc
Collector-Emitter Cutoff Current
VCE = 60Vdc, VBE = 1.5Vdc
VCE = 80Vdc, VBE = 1.5Vdc
2N5685
2N5686
ICEX
10
10
μAdc
Collector-Base Cutoff Current
VCE = 60Vdc
VCE = 80Vdc
2N5685
2N5686
ICBO
2.0
2.0
mAdc
Emitter-Base Cutoff Current
VEB = 5.0Vdc
IEBO
1.0
mAdc
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
2N5685
2N5686
Unit
Collector-Emitter Voltage
VCEO
60
80
Vdc
Collector-Base Voltage
VCBO
60
80
Vdc
Emitter-Base Voltage
VEBO
5.0
5.0
Vdc
Base Current
IB
15
15
Adc
Collector Current
IC
50
50
Adc
Total Power Dissipation
@ TC = +25°C
(1)
@ TC = +100°C
(1)
PT
300
171
300
171
W
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-55 to +200
°C
THERMAL CHARACTERISTICS
Parameters / Test Conditions
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
.0584
°C/W
TO-3 (TO-204AE)


Similar Part No. - 2N5686

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5686 MOSPEC-2N5686 Datasheet
185Kb / 4P
POWER TRANSISTORS(50A,300W)
logo
ON Semiconductor
2N5686 ONSEMI-2N5686 Datasheet
133Kb / 8P
High-Current Complementary Silicon Power Transistors
May, 2001 ??Rev. 10
logo
Microsemi Corporation
2N5686 MICROSEMI-2N5686 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N5686 ETC-2N5686 Datasheet
347Kb / 8P
Power Transistors
logo
ON Semiconductor
2N5686 ONSEMI-2N5686 Datasheet
151Kb / 7P
High?묬urrent Complementary Silicon Power Transistors
March, 2006 ??Rev. 11
More results

Similar Description - 2N5686

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com