Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1325 Datasheet(PDF) 15 Page - New Japan Radio

Part # NJW1325
Description  Multi Input Wide Band Video Interface with I2C Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1325 Datasheet(HTML) 15 Page - New Japan Radio

Back Button NJW1325 Datasheet HTML 11Page - New Japan Radio NJW1325 Datasheet HTML 12Page - New Japan Radio NJW1325 Datasheet HTML 13Page - New Japan Radio NJW1325 Datasheet HTML 14Page - New Japan Radio NJW1325 Datasheet HTML 15Page - New Japan Radio NJW1325 Datasheet HTML 16Page - New Japan Radio NJW1325 Datasheet HTML 17Page - New Japan Radio NJW1325 Datasheet HTML 18Page - New Japan Radio NJW1325 Datasheet HTML 19Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Ver.0.3
NJW1325
-15 -
TERMINAL DESCRIPTION (Function Voltage's Value on Single Supply Mode)
No
.
SYMBOL
FUNCTION
EQUIVALENT CIRCUIT
VOLATGE
93
94
95
96
97
98
99
1
2
3
4
5
6
7
VIN1
VIN2
VIN3
VIN4
VIN5
VIN6
VIN7
SYIN1
SYIN2
SYIN3
SYIN4
SYIN5
SYIN6
SYIN7
V Input
SY Input
1.9V
8
9
10
11
12
13
14
SCIN1
SCIN2
SCIN3
SCIN4
SCIN5
SCIN6
SCIN7
SC Input
2.5V
15
23
BIAS1
BIAS2
Bias Voltage
2.5V
250Ω
VCC
VEE
25kΩ
GND
500Ω
250Ω
VCC
VEE
25kΩ
500Ω
250Ω
VCC
VEE
50kΩ
50kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com