Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1325 Datasheet(PDF) 21 Page - New Japan Radio

Part # NJW1325
Description  Multi Input Wide Band Video Interface with I2C Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1325 Datasheet(HTML) 21 Page - New Japan Radio

Back Button NJW1325 Datasheet HTML 17Page - New Japan Radio NJW1325 Datasheet HTML 18Page - New Japan Radio NJW1325 Datasheet HTML 19Page - New Japan Radio NJW1325 Datasheet HTML 20Page - New Japan Radio NJW1325 Datasheet HTML 21Page - New Japan Radio NJW1325 Datasheet HTML 22Page - New Japan Radio NJW1325 Datasheet HTML 23Page - New Japan Radio NJW1325 Datasheet HTML 24Page - New Japan Radio NJW1325 Datasheet HTML 25Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Ver.0.3
NJW1325
-21 -
No
.
SYMBOL
FUNCTION
EQUIVALENT CIRCUIT
VOLATGE
68
SCOUT1
SC Output
With load
resistance 1k
Ω
2.5V
69
80
SYOUT1
VOUT1
SY Output
V Output
With load
resistance 1k
Ω
1.3V
70
71
74
75
76
77
78
79
SYOUT4
SYOUT3
SYOUT2
VOUT6
VOUT5
VOUT4
VOUT3
VOUT2
SY Output
V Output
For 75
Ω Drive
1.3V
VCC
VEE
25Ω
25Ω
4.8kΩ
REF
4.8kΩ
300Ω
300Ω
VCC
VEE
25Ω
25Ω
4.8kΩ
REF
4.8kΩ
300Ω
300Ω
VCC
VEE
4.8kΩ
REF
4.8kΩ
800Ω
800Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com