Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1325 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJW1325
Description  Multi Input Wide Band Video Interface with I2C Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1325 Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJW1325 Datasheet HTML 2Page - New Japan Radio NJW1325 Datasheet HTML 3Page - New Japan Radio NJW1325 Datasheet HTML 4Page - New Japan Radio NJW1325 Datasheet HTML 5Page - New Japan Radio NJW1325 Datasheet HTML 6Page - New Japan Radio NJW1325 Datasheet HTML 7Page - New Japan Radio NJW1325 Datasheet HTML 8Page - New Japan Radio NJW1325 Datasheet HTML 9Page - New Japan Radio NJW1325 Datasheet HTML 10Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Ver.0.3
NJW1325
-6 -
CHARACTERISTICS OF BUS LINES (SDA, SCL) FOR I
2C BUS DEVICES
STANDARD MODE
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
SCL clock frequency
fSCL
-
-
100
kHz
HOLD time
tHD:STA
4.0
-
-
µs
Low period of the SCL clock
tLOW
4.7
-
-
µs
High period of the SCL clock
tHIGH
4.0
-
-
µs
Set-up time for a repeated START condition
tSU:STA
4.7
-
-
µs
Data Hold Time
NOTE)
tHD:DAT
0
-
-
µs
Data set-up Time
tSU:DAT
250
-
-
ns
Rise time of both SDA and SCL signals
tr
-
-
1000
ns
Fall time of both SDA and SCL signals
tf
-
-
300
ns
Set-up time for STOP condition
tSU:STO
4.0
-
-
µs
Bus free time between a STOP and START condition
tBUF
4.7
-
-
µs
Capacitive load for each bus line
Cb
-
-
400
pF
Noise margin at the Low level
VnL
0.5
-
-
V
Noise margin at the High level
VnH
1
-
-
V
Cb ; total capacitance of one bus line in pF
NOTE) Data hold time: tHD:DAT
Please hold the Data Hold Time (
tHD:DAT) to 300ns or more to avoid status of unstable at SCL falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com