Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C255 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # C255
Description  Typical Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C255 Datasheet(HTML) 4 Page - Vectron International, Inc

  C255 Datasheet HTML 1Page - Vectron International, Inc C255 Datasheet HTML 2Page - Vectron International, Inc C255 Datasheet HTML 3Page - Vectron International, Inc C255 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
C1250
PXO
Vectron International · www.vectron.com
v.2009-01-12 · page 4 of 4 DAF
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 Watts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
Unit 3119 31st Floor, Jin Mao Tower, 88
Century Boulevard, Shanghai,
P.R. China 200120
+86 21 28909740 tel.
+86 21 28909240 fax
How to Order this Product:
10
Step 1
Use this worksheet to forward the following information to your factory representative (example follows):
Model
Stability
Code
Initial Accuracy
Code
(if required)
Supply Voltage
Code
RF Output
Code
Screening
Code
Package
Code
Enable/Disable
Code
Tinning
Code
C1250
C505
T505
SV033
RFA
V
A1
E1
T
Step 2
The factory representative will then respond with a Vectron Part Number in the following configuration:
Model
Package Code
Dash
Dash Number
C1250
[Customer Specified Package Code]
-
[Factory Generated 4 digit number]
Typical P/N C1250A1-0001
Notes:
1 Contact factory for improved stabilities or additional product options. Not all options and codes are available at all frequencies, RF
outputs and supply voltages.
2 Unless otherwise stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control
voltage, load, temperature (25°C).
3 Phase noise degrades with increasing output frequency.
4 Subject to technical modification.
5 Contact factory for availability.
6 Contact factory for other options.
7 Overall stabilities do not require an initial accuracy code.
8 Leads tinned IAW Vectron International standard procedure (GR-37409).
9 Vectron Verification IAW Vectron International standard process (HK-69314).
10 Please be sure to specify nominal frequency.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com