Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C255 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # C255
Description  Typical Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C255 Datasheet(HTML) 3 Page - Vectron International, Inc

  C255 Datasheet HTML 1Page - Vectron International, Inc C255 Datasheet HTML 2Page - Vectron International, Inc C255 Datasheet HTML 3Page - Vectron International, Inc C255 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
C1250
PXO
Vectron International · www.vectron.com
v.2009-01-12 · page 3 of 4 DAF
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 Watts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
Unit 3119 31st Floor, Jin Mao Tower, 88
Century Boulevard, Shanghai,
P.R. China 200120
+86 21 28909740 tel.
+86 21 28909240 fax
Standard Environmentals
Parameter
Test Condition
Vibration
MIL-STD-202, Method 204, Condition G (30 G, 10Hz-2000Hz)
Shock
MIL-STD-202, Method 213, Condition I (100 G, 6ms, Sawtooth)
Acceleration
MIL-STD-883, Method 2001, Condition A (5000 G, Y1 Plane)
Temperature Cycling
MIL-STD-883, Method 1010, Condition B
Thermal Shock
MIL-STD-883, Method 107, Condition B
Solderability
MIL-STD-202, Method 208
Leak Test (Fine and Gross)
MIL-STD-883, Method 1014, Condition A1 and C1
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Units
Condition
Supply voltage (Vs)
7.0
V
Vs=5.0VDC
7.0
V
Vs=3.3VDC
Operable temperature range
-55
+125
°C
Storage temperature range
-62
+125
°C
Enclosures
Type A – ACMOS or TTL
Type B – LVPECL or LVDS
Package Codes:
Codes
Height
Codes
Height
A1 = 4 leads
0.074 ± 0.007
B1 = 6 leads
0.074 ± 0.007
E1 = Enable/Disable pin 1
(1.88 ± 0.178)
E1 = Enable/Disable pin 1
(1.88 ± 0.178)
X = N/C pin 1
E2 = Enable/Disable pin 2
X = N/C pin 1 and pin 2
T= Tinned leads
8
T= Tinned leads
8
X= No Tinning
X = No Tinning
Pin Connections
Pin Connections
1 – Enable/Disable or N/C
3 – RF Output
1 – Enable/Disable or N/C
4 – RF Output
2 – Ground (case)
4 – Supply Voltage
2 – N/C
5 – Complementary Output
3 – Ground (Case)
6 – Supply Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com