Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C255 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # C255
Description  Typical Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C255 Datasheet(HTML) 1 Page - Vectron International, Inc

  C255 Datasheet HTML 1Page - Vectron International, Inc C255 Datasheet HTML 2Page - Vectron International, Inc C255 Datasheet HTML 3Page - Vectron International, Inc C255 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
C1250
PXO
Vectron International · www.vectron.com
v.2009-01-12 · page 1 of 4 DAF
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 Watts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
Unit 3119 31st Floor, Jin Mao Tower, 88
Century Boulevard, Shanghai,
P.R. China 200120
+86 21 28909740 tel.
+86 21 28909240 fax
Frequency Range
1 to 800 MHz (ACMOS and TTL outputs available up to
125 MHz. LVPECL and LVDS output frequencies above
220 MHz are achieved through the use of a PLL multiplier.)
Frequency Stabilities
1
Parameter
Min
Typ
Max
Units
Condition
Ordering Code
5
Operating temperature range
-100
+100
ppm
0 … +70°C
C104
(referenced to +25°C)
-50
+50
ppm
0 … +70°C
C505
-25
+25
ppm
0 … +70°C
C255
-15
+15
ppm
0 … +70°C
C155
-100
+100
ppm
-40 … +85°C
F104
-50
+50
ppm
-40 … +85°C
F505
-25
+25
ppm
-40 … +85°C
F255
-100
+100
ppm
-55 … +125°C
M104
-65
+65
ppm
-55 … +125°C
M655
Initial accuracy (do not use with
-15
+15
ppm
@ 25°C
T155
overall tolerance code below)
-25
+25
ppm
@ 25°C
T255
-50
+50
ppm
@ 25°C
T505
-100
+100
ppm
@ 25°C
T104
Parameter
Min
Typ
Max
Units
Condition
Ordering Code
5
Overall tolerance (includes operating
-100
+100
ppm
0 … +70°C
TC104
temperature and initial accuracy)
7
-50
+50
ppm
0 … +70°C
TC505
-25
+25
ppm
0 … +70°C
TC255
-100
+100
ppm
-40 … +85°C
TF104
-50
+50
ppm
-40 … +85°C
TF505
-100
+100
ppm
-55 … +125°C
TM104
-80
+80
ppm
-55 … +125°C
TM805
Additional stability parameters:
vs. Supply voltage change
vs. Load change
vs. Aging / 1st year
vs. Aging / year (following years)
-2
-1
-3
-1
+2
+1
+3
+1
ppm
ppm
ppm
ppm
VS ± 5%
Load ± 5%
Supply Voltage (Vs)
Parameter
Min
Typ
Max
Units
Condition
Ordering Code
5
Supply voltage
4.75
5.0
5.25
VDC
SV050
Current consumption
15
mA
ACMOS or TTL 1.0 to 23.9 MHZ
(+5 VDC)
20
mA
ACMOS or TTL 24 to 49.9 MHz
40
mA
ACMOS or TTL 50 to 125.00 MHz
Supply voltage
3.135
3.3
3.465
VDC
SV033
Supply voltage
2.375
2.5
2.625
VDC
SV025
Current consumption
6
mA
ACMOS 1.0 to 14.90 MHZ
(+3.3 VDC or +2.5 VDC)
8
mA
ACMOS 15.0 to 39.9 MHz
12
mA
ACMOS 40.0 to 59.9 MHz
16
mA
ACMOS 60.0 to 84.9 MHz
40
mA
ACMOS 85.0 to 125.0 MHz
75
mA
LVPECL or LVDS No load <200 MHz
100
mA
LVPECL or LVDS No load >200 MHz
Typical Applications
Features
Military Systems
5X7 Surface Mount Package
Avionics and Instrumentation
Reflow Process Compatible
Test Equipment
ACMOS, TTL, LVPECL and LVDS
Medical Equipment
MIL-PRF-55310 Class B Screening (optional)
Military Operating Temperature Range (optional)


Similar Part No. - C255

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C255 VECTRON-C255 Datasheet
35Kb / 3P
Standard 4-Pin DIP Package Enable Function
logo
Toshiba Semiconductor
C2555 TOSHIBA-C2555 Datasheet
161Kb / 2P
TRANSISTOR (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS)
01-Sep-1997
logo
General Cable Technolog...
C2555A GENERAL-C2555A Datasheet
73Kb / 1P
COMMUNICATION CABLE
More results

Similar Description - C255

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C1300 VECTRON-C1300_09 Datasheet
144Kb / 4P
Typical Applications
C1310 VECTRON-C1310_07 Datasheet
217Kb / 7P
Typical Applications
C2260 VECTRON-C2260_06 Datasheet
149Kb / 6P
Typical Applications
C4650 VECTRON-C4650_05 Datasheet
309Kb / 3P
TYPICAL APPLICATIONS
logo
Panasonic Semiconductor
HG4-DC24V PANASONIC-HG4-DC24V Datasheet
2Mb / 9P
TYPICAL APPLICATIONS
HL1-HTM-AC240V PANASONIC-HL1-HTM-AC240V Datasheet
151Kb / 7P
TYPICAL APPLICATIONS
AQP812 PANASONIC-AQP812 Datasheet
180Kb / 7P
TYPICAL APPLICATIONS
logo
DIYI Electronic Technol...
BT151 DYELEC-BT151 Datasheet
2Mb / 5P
Typical applications include motor control
logo
Rohm
BA3920 ROHM-BA3920 Datasheet
358Kb / 8P
Block Diagram of Typical Applications
logo
List of Unclassifed Man...
FK-130RH ETC-FK-130RH Datasheet
31Kb / 1P
Typical Applications / Office Automation Equipments
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com