Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4530 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # C4530
Description  Surface Mount Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C4530 Datasheet(HTML) 5 Page - Vectron International, Inc

  C4530 Datasheet HTML 1Page - Vectron International, Inc C4530 Datasheet HTML 2Page - Vectron International, Inc C4530 Datasheet HTML 3Page - Vectron International, Inc C4530 Datasheet HTML 4Page - Vectron International, Inc C4530 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Vectron International · www.vectron.com
v.2006-11-10 · page 5 of 5
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 W atts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
1F-2F, No 8 W orkshop, No 308 Fenju
Road, W aiGaoQiao Free Trade Zone,
Pudong, Shanghai, P.R. China 200131
+86 21 5048 0777 tel.
+86 21 5048 1881 fax
C4530
OCXO
Processing note:
This FR 4 based SMD OCXO is a non-hermetic construction for use in No-Clean reflow processes and is 6/6 RoHS compliant. If you intend to wash
this SMD OCXO, please contact your Sales representative to discuss the possibility.
How to order this product:
Step 1
Use this worksheet to forward the following information to your factory representative :
Model
Stability Code
Supply Voltage
Code
RF Output Code
Package Code
Frequency
Control/ Enable
Frequency
C4530
D107
SV050
RFH
A1
1
10MHz
Vs.operat. Temp. Range
Signal:
Tuning Range:
D107:
±100ppb
-20 …+70°C
RFH: HCMOS
0: Fixed OCXO; No adjust
D257:
±250ppb
-20 …+70°C
RFS: Sinewave
1: ±1.0 ppm..±2.5 ppm(SC)
F257:
±250ppb
-40 …+85°C
1: ±3.0 ppm..±8.0 ppm(AT)
D258:
±25ppb
-20 …+70°C
F508:
±50ppb
-40 …+85°C
Supply:
Enclosure:
A1: G185C
SV050: 5V
SV033: 3.3V
A2: G185D
B1: G185C
B2: G185D
C1: G270D
C2: G270D
Step 2
The factory representative will then respond with a Vectron Model Number in the following configuration:
Model
Package Code
Dash
Dash Number
C4530
[Customer Specified Package Code]
-
[Factory Generated 4 digit number]
Typical P/N = C4530A1-0001
Notes:
1 Contact factory for improved stabilities or additional product options. Not all options and codes are available at all frequencies.
2 Unless otherwise stated all values are valid after warm-up time and refer to typical conditions for supply voltage, frequency control voltage,
load, temperature (25°C)
3 Phase noise degrades with increasing output frequency.
4 Subject to technical modification.
5 Contact factory for availability.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com