Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4530 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # C4530
Description  Surface Mount Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C4530 Datasheet(HTML) 1 Page - Vectron International, Inc

  C4530 Datasheet HTML 1Page - Vectron International, Inc C4530 Datasheet HTML 2Page - Vectron International, Inc C4530 Datasheet HTML 3Page - Vectron International, Inc C4530 Datasheet HTML 4Page - Vectron International, Inc C4530 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Vectron International · www.vectron.com
v.2006-11-10 · page 1 of 5
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 W atts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
1F-2F, No 8 W orkshop, No 308 Fenju
Road, W aiGaoQiao Free Trade Zone,
Pudong, Shanghai, P.R. China 200131
+86 21 5048 0777 tel.
+86 21 5048 1881 fax
C4530
OCXO
Typical Applications
Features
Base Stations
Surface Mount Package
Test Equipment
Reflow Process Compatible
Synthesizers
AT-Cut and SC-Cut Crystal Options
Digital Switching
Low Profile Compact Package
Previous Vectron Model Numbers
OCO1000, C4500
Frequency range
10 MHz – 160 MHz
Standard frequencies
10; 12.8; 16.384; 19.2 ; 20; 26, 30.72, 38.4, 52 MHz
Frequency stabilities
1 [AT Cut Crystal – 10 MHz to 160MHz]
Parameter
Min
Typ
Max.
Units
Operating temp range
Ordering Code
vs. operating temperature range
-100
+100
ppb
-20 … +70°C
D107
(Referenced to +25°C)
-250
+250
ppb
-20 … +70°C
D257
-250
+250
ppb
-40 … +85°C
F257
Parameter
Min
Typ
Max.
Units
Condition
Initial tolerance
vs. supply voltage change
vs. load change
vs. aging
/ day
vs aging
/ year
vs. aging
/ year
-500
-20
-10
-10
-300
-500
+500
+20
+10
+10
+300
+500
ppb
ppb
ppb
ppb
ppb
ppb
at time of shipment, nominal EFC
VS ± 5%
Load ± 5%
after 30 days of operation
≤ 60MHz; after 30 days of operation
>60MHz;
after 30 days of operation
Warm-up Time
3
minutes
to
± 100ppb of final frequency (1 hour reading) @
+25°C
Frequency stabilities
1 [SC Cut Crystal – 15 to 40 MHz]
Parameter
Min
Typ
Max.
Units
Operating temp range
Ordering Code
vs. operating temperature range
-25
+25
ppb
-20 … +70°C
D258
(Referenced to +25°C)
-50
+50
ppb
-40 … +85°C
F508
Parameter
Min
Typ
Max.
Units
Condition
Initial tolerance
vs. supply voltage change
vs. load change
vs. aging
/ day
vs aging
/1 Year
vs. aging
/ year (following Years)
-200
-5.0
-5.0
-1.0
-100
-80
+200
+5.0
+5.0
+1.0
+100
+80
ppb
ppb
ppb
ppb
ppb
ppb
at time of shipment, nominal EFC
VS ± 5%
Load ± 5%
after 30 days of operation
after 30 days of operation
Warm-up Time
3
minutes
to
± 10ppb of final frequency (1 hour reading) @
+25°C
Supply voltage (Vs)
Parameter
Min
Typ
Max.
Units
Condition
Ordering Code
Supply voltage [Standard]
4.75
5
5.25
VDC
SV050
Supply voltage [Option]
3.135
3.3
3.465
VDC
SV033
Power consumption
2.5
Watts
during warm-up
1.0
Watts
steady state @ +25°C


Similar Part No. - C4530

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C4530 VECTRON-C4530 Datasheet
243Kb / 6P
OCXO Surface Mount Package Reflow Process Compatible AT-Cut and SC-Cut Crystal Options Low Profile Compact Package
More results

Similar Description - C4530

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
1N4148W GXELECTRONICS-1N4148W Datasheet
687Kb / 2P
Surface Mount Package
logo
Advanced Power Electron...
AP2302AGN-HF A-POWER-AP2302AGN-HF_14 Datasheet
99Kb / 4P
Surface mount package
AP2422GY A-POWER-AP2422GY_14 Datasheet
121Kb / 5P
Surface mount package
logo
KR Electronics, Inc.
2505 KR-2505 Datasheet
28Kb / 2P
Surface Mount Package
logo
Advanced Power Electron...
AP2302AGN-HF A-POWER-AP2302AGN-HF_16 Datasheet
99Kb / 5P
Surface Mount Package
AP2306AGN-HF A-POWER-AP2306AGN-HF_16 Datasheet
101Kb / 5P
Surface Mount Package
AP2306CGN-HF A-POWER-AP2306CGN-HF_16 Datasheet
99Kb / 5P
Surface Mount Package
AP2906EY A-POWER-AP2906EY Datasheet
73Kb / 6P
Surface mount package
AP9938AGEY-HF A-POWER-AP9938AGEY-HF_16 Datasheet
104Kb / 5P
Surface Mount Package
logo
M/A-COM Technology Solu...
OD-S-1249 MA-COM-OD-S-1249 Datasheet
191Kb / 1P
Package, Surface Mount
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com