Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4530 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # C4530
Description  Surface Mount Package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

C4530 Datasheet(HTML) 2 Page - Vectron International, Inc

  C4530 Datasheet HTML 1Page - Vectron International, Inc C4530 Datasheet HTML 2Page - Vectron International, Inc C4530 Datasheet HTML 3Page - Vectron International, Inc C4530 Datasheet HTML 4Page - Vectron International, Inc C4530 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Vectron International · www.vectron.com
v.2006-11-10 · page 2 of 5
Vectron International
Headquarters
267 Lowell Road
Hudson, New Hampshire 03051
+1-888-328-7661 tel
+1-888-329-8328 fax
Vectron International LLC.
100 W atts Street
Mount Holly Springs, PA 17065
USA
+1-717-486-3411 tel
+1-717-486-5920 fax
Vectron international GmbH & Co. KG
Landstrasse
D-74924 Neckarbischofsheim
Germany
+49-07268-801-0 tel
+49-07268-801-281 fax
Vectron Asia Pacific Sales Office
1F-2F, No 8 W orkshop, No 308 Fenju
Road, W aiGaoQiao Free Trade Zone,
Pudong, Shanghai, P.R. China 200131
+86 21 5048 0777 tel.
+86 21 5048 1881 fax
C4530
OCXO
RF output
Parameter
Min
Typ
Max.
Units
Condition
Ordering Code
Signal [Standard]
HCMOS
RFH
Load
15
pF
Signal Level (Vol)
0.5
VDC
with Vs=r 5.0V and 15pF load
0.3
VDC
with Vs=3.3V and 15pF load
Signal Level (Voh)
3.7
VDC
with Vs= 5.0V and 15pF load
2.4
VDC
with Vs=3.3V and 15pF load
Duty cycle
45
55
%
@ (Voh-Vol)/2
Signal [Option]
Sinewave
RFS
Load
50
Ω
Output Power
+0
+2.5
+5.0
dBm
50 Ohm load
Harmonics
-30
dBc
50 Ohm load
Frequency Tuning (EFC)
Parameter
Min
Typ
Max.
Units
Condition
Ordering Code
5
Tuning Range
Fixed OCXO; No adjust
0
Tuning Range
±1.0
±1.75
±2.5
ppm
with SC Cut Crystal
1
±3.0
±5.0
±8
ppm
with AT Cut Crystal
1
Linearity
5
%
Tuning Slope
Positive
Control Voltage Range
0.0
2.0
4.0
VDC
with Vs=5.0VDC
0.0
1.4
2.8
VDC
with Vs=3.3VDC
Reference Voltage Output (Vref)
Parameter
Min
Typ
Max.
Units
Condition
Reference Voltage
3.85
4.0
4.15
VDC
with Vs=5.0VDC
2.7
2.8
2.9
VDC
with Vs=3.3VDC
Additional parameters
Parameter
Min
Typ
Max.
Units
Condition
Phase Noise
3
-75
dBc/Hz
1 Hz
with 30.72 MHz
-110
dBc/Hz
10 Hz
SC-Cut
-135
dBc/Hz
100 Hz
HCMOS
-150
dBc/Hz
1 kHz
-150
dBc/Hz
10 kHz
Phase Noise
3
-75
dBc/Hz
10 Hz
with 110 MHz AT Cut
-105
dBc/Hz
100 Hz
Sinewave
-130
dBc/Hz
1 kHz
-155
dBc/Hz
10 kHz
-160
dBc/Hz
100 kHz
Weight
10
g
Processing & Packing
Handling & processing note
Absolute Maximum Ratings
Parameter
Min
Typ
Max.
Units
Condition
Supply voltage (Vs)
7.0
V
with Vs=5.0VDC
7.0
V
with Vs=3.3VDC
Output Load
50
pF
Operable temperature range
-55
+85
°C
Storage temperature range
-55
+125
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com