Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4726 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP4726
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4726 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP4726 Datasheet HTML 29Page - Microchip Technology MCP4726 Datasheet HTML 30Page - Microchip Technology MCP4726 Datasheet HTML 31Page - Microchip Technology MCP4726 Datasheet HTML 32Page - Microchip Technology MCP4726 Datasheet HTML 33Page - Microchip Technology MCP4726 Datasheet HTML 34Page - Microchip Technology MCP4726 Datasheet HTML 35Page - Microchip Technology MCP4726 Datasheet HTML 36Page - Microchip Technology MCP4726 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 86 page
background image
© 2011 Microchip Technology Inc.
DS22272A-page 33
MCP4706/4716/4726
3.0
PIN DESCRIPTIONS
An overview of the pin functions are described in
Section 3.1 through Section 3.7. The descriptions of
the pins are listed in Table 3-1.
TABLE 3-1:
MCP47X6 PINOUT DESCRIPTION
Pin
Standard Function
SOT-23
DFN
Symbol
I/O
Buffer
Type
6L
6L
16
VOUT
A
Analog
Buffered analog voltage output pin
25
VSS
—
P
Ground reference pin for all circuitries on the device
34
VDD
—
P
Supply Voltage Pin
4
3
SDA
I/O
ST
I2C Serial Data Pin
52
SCL
I
ST
I2C Serial Clock Pin
61
VREF
A
Analog
Voltage Reference Input Pin
—
7
EP
—
—
Exposed Pad Note 1
Legend:
A = Analog pins
I = Digital input (high Z)
O = Digital output
I/O = Input / Output
P = Power
Note 1:
The DFN package has a contact on the bottom of the package. This contact is conductively connected to
the die substrate, and therefore should be unconnected or connected to the same ground as the device’s
VSS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com