Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4726 Datasheet(PDF) 64 Page - Microchip Technology

Part # MCP4726
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4726 Datasheet(HTML) 64 Page - Microchip Technology

Back Button MCP4726 Datasheet HTML 60Page - Microchip Technology MCP4726 Datasheet HTML 61Page - Microchip Technology MCP4726 Datasheet HTML 62Page - Microchip Technology MCP4726 Datasheet HTML 63Page - Microchip Technology MCP4726 Datasheet HTML 64Page - Microchip Technology MCP4726 Datasheet HTML 65Page - Microchip Technology MCP4726 Datasheet HTML 66Page - Microchip Technology MCP4726 Datasheet HTML 67Page - Microchip Technology MCP4726 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 86 page
background image
MCP4706/4716/4726
DS22272A-page 64
© 2011 Microchip Technology Inc.
8.2
Power Supply Considerations
The power source should be as clean as possible. The
power supply to the device is also used for the DAC
voltage reference internally if the internal VDD is
selected as the resistor ladders reference voltage
(VREF1:VREF0 = 00 or 01).
Any noise induced on the VDD line can affect the DAC
performance. Typical applications will require a bypass
capacitor in order to filter out high frequency noise on
the VDD line. The noise can be induced onto the power
supply’s traces or as a result of changes on the DAC
output. The bypass capacitor helps to minimize the
effect of these noise sources on signal integrity.
Figure 8-2 shows an example of using two bypass
capacitors (a 10 µF tantalum capacitor and a 0.1 µF
ceramic capacitor) in parallel on the VDD line. These
capacitors should be placed as close to the VDD pin as
possible (within 4 mm). If the application circuit has
separate digital and analog power supplies, the VDD
and VSS pins of the device should reside on the analog
plane.
FIGURE 8-2:
Example MCP47X6 Circuit
with SOT-23 package.
Analog
VDD
1
2
3
6
4
VDD
SCL
SDA
VSS
VOUT
5
R1 R2
To MCU
R1 and R2 are I2C pull-up resistors:
R1 and R2:
5k
Ω - 10 kΩ for f
SCL
= 100 kHz to 400 kHz
~700
Ω for f
SCL
= 3.4 MHz
C1:
0.1 µF capacitor
Ceramic
C2:
10 µF capacitor
Tantalum
C3:
~ 0.1 µF
Optional to reduce noise
in VOUT pin.
C4:
0.1 µF capacitor
Ceramic
C5:
10 µF capacitor
Tantalum
C2
C1
C3
Optional
(a) Circuit when VDD is selected as reference
(Note: VDD is connected to the reference circuit internally.)
(b) Circuit when external reference is used.
Output
VREF
Analog
VDD
1
2
3
6
4
VDD
SCL
SDA
VSS
VOUT
5
R1 R2
To MCU
C2
C1
C3
Optional
Output
VREF
C4
Optional
VREF
Note: Pin assignment is opposite in DFN-6 package.
C5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com