Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4726 Datasheet(PDF) 61 Page - Microchip Technology

Part # MCP4726
Description  8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4726 Datasheet(HTML) 61 Page - Microchip Technology

Back Button MCP4726 Datasheet HTML 57Page - Microchip Technology MCP4726 Datasheet HTML 58Page - Microchip Technology MCP4726 Datasheet HTML 59Page - Microchip Technology MCP4726 Datasheet HTML 60Page - Microchip Technology MCP4726 Datasheet HTML 61Page - Microchip Technology MCP4726 Datasheet HTML 62Page - Microchip Technology MCP4726 Datasheet HTML 63Page - Microchip Technology MCP4726 Datasheet HTML 64Page - Microchip Technology MCP4726 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 86 page
background image
© 2011 Microchip Technology Inc.
DS22272A-page 61
MCP4706/4716/4726
7.9
Gain Error
The Gain error (see Figure 7-4) is the difference
between the actual full-scale output voltage from the
ideal output voltage of the DAC transfer curve. The
gain error is calculated after nullifying the offset error,
or full scale error minus the offset error.
The gain error indicates how well the slope of the actual
transfer function matches the slope of the ideal transfer
function. The gain error is usually expressed as percent
of full-scale range (% of FSR) or in LSb.
In the MCP4706/4716/4726, the gain error is not
calibrated at the factory and most of the gain error is
contributed by the output buffer (op amp) saturation
near
the
code
range
beyond
4000d.
For
the
applications that need the gain error specification less
than 1% maximum, the user may consider using the
DAC code range between 100d and 4000d instead of
using full code range (code 0 to 4095d). The DAC
output of the code range between 100d and 4000d is
much more linear than full-scale range (0 to 4095d).
The gain error can be calibrated out by software in the
application.
FIGURE 7-4:
Gain Error and Full-Scale
Error Example.
7.10
Gain Error Drift
The Gain error drift is the variation in gain error due to
a change in ambient temperature. The gain error drift is
typically expressed in ppm/oC.
7.11
Offset Error Drift
The Offset error drift is the variation in offset error due
to a change in ambient temperature. The offset error
drift is typically expressed in ppm/oC.
7.12
Settling Time
The Settling time is the time delay required for the VOUT
voltage to settle into its new output value. This time is
measured from the start of code transition, to when the
VOUT voltage is within the specified accuracy.
In the MCP47X6, the settling time is a measure of the
time delay until the VOUT voltage reaches within 0.5
LSb of its final value, when the volatile DAC Register
changes from 400h to C00h.
7.13
Major-Code Transition Glitch
Major-code transition glitch is the impulse energy
injected into the DAC analog output when the code in
the DAC register changes state. It is normally specified
as the area of the glitch in nV-Sec, and is measured
when the digital code is changed by 1 LSb at the major
carry transition (Example: 011...111 to 100...
000
, or 100... 000 to 011 ... 111).
7.14
Digital Feedthrough
The Digital feedthrough is the glitch that appears at the
analog output caused by coupling from the digital input
pins of the device. The area of the glitch is expressed
in nV-Sec, and is measured with a full scale change
(Example: all 0s to all 1s and vice versa) on the digital
input pins. The digital feedthrough is measured when
the DAC is not being written to the output register.
7.15
Power-Supply Rejection Ratio
(PSRR)
PSRR indicates how the output of the DAC is affected
by changes in the supply voltage. PSRR is the ratio of
the change in VOUT to a change in VDD for full-scale
output of the DAC. The VOUT is measured while the
VDD is varied +/- 10%, and expressed in dB or µV/V.
Analog
Output
Actual Transfer Function
Actual Transfer Function
DAC Input Code
0
Gain Error
Ideal Transfer Function
after Offset Error is removed
Full-Scale
Error
Zero-Scale
Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com