Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9502 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP9502
Description  Temperature Switch with Selectable Hysteresis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9502 Datasheet(HTML) 3 Page - Microchip Technology

  MCP9502 Datasheet HTML 1Page - Microchip Technology MCP9502 Datasheet HTML 2Page - Microchip Technology MCP9502 Datasheet HTML 3Page - Microchip Technology MCP9502 Datasheet HTML 4Page - Microchip Technology MCP9502 Datasheet HTML 5Page - Microchip Technology MCP9502 Datasheet HTML 6Page - Microchip Technology MCP9502 Datasheet HTML 7Page - Microchip Technology MCP9502 Datasheet HTML 8Page - Microchip Technology MCP9502 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
© 2011 Microchip Technology Inc.
DS22268A-page 3
MCP9501/2/3/4
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD.................................................................................. 6.0V
Voltage at all Input/Output pins ............... GND – 0.3V to 6.0V
Input/Output Current .....................................................20 mA
Storage temperature .....................................-65°C to +150°C
Ambient temp. with power applied ................-40°C to +125°C
Junction Temperature (TJ) .......................................... +150°C
ESD protection on all pins (HBM:MM) ................. (4 kV/400V)
Latch-Up Current at each pin (25°C) ....................... ±200 mA
†Notice: Stresses above those listed under “Maximum
ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VDD = 2.7V to 5.5V, TA = -40°C to +125°C, and
GND = Ground.
Parameters
Sym
Min
Typ
Max
Unit
Conditions
Sensor Accuracy
-15°C
≤ T
A ≤ +75 °C
-4
±1
+4
°C
Note 1
-40°C
≤ T
A ≤ +125 °C
-6
±2
6
°C
Power Supply
Operating Voltage
VDD
2.7
5.5
V
Operating Current
IDD
—25
40
µA
Line-Regulation
Δ°C/ΔV—
0.2
°C/V VDD = 2.7V to 5.5V
Hysteresis
Trip Point Hysteresis
THYST
—2
°C
HYST = GND
—10
°C
HYST = VDD
Hysteresis Select Input
VIH
0.8VDD
——
V
VIL
——
0.2VDD
V
ILeak
—0.1
µA
Open-Drain Output Leakage
ILeak
0.1
10
µA
MCP9501/3
Output Voltage High
VOH
0.8VDD
——
V
IOUT = 5 mA (MCP9502/4)
Output Voltage Low
VOL
——
0.2VDD
VIOUT = 5 mA
Turn On Time
TON
—1
ms
SOT23-5
tRES
1.7
s
Time to 63% (89°C).
+25°C (Air) to +125°C
(oil bath)
Note 1:
This specification is tested at mid supply of 4.1V for optimum operation across the supply voltage range of
2.7V to 5.5V.
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, VDD = 2.7V to 5.5V, TA = -40°C to +125°C, and
GND = Ground.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
+125
°C
(Note 1)
Operating Temperature Range
TA
-40
+125
°C
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistances
Thermal Resistance, 5L-SOT23
θ
JA
220.7
°C/
Ω
Note 1:
Operation in this range must not cause TJ to exceed Maximum Junction Temperature (+150°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com