Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9502 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP9502
Description  Temperature Switch with Selectable Hysteresis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9502 Datasheet(HTML) 5 Page - Microchip Technology

  MCP9502 Datasheet HTML 1Page - Microchip Technology MCP9502 Datasheet HTML 2Page - Microchip Technology MCP9502 Datasheet HTML 3Page - Microchip Technology MCP9502 Datasheet HTML 4Page - Microchip Technology MCP9502 Datasheet HTML 5Page - Microchip Technology MCP9502 Datasheet HTML 6Page - Microchip Technology MCP9502 Datasheet HTML 7Page - Microchip Technology MCP9502 Datasheet HTML 8Page - Microchip Technology MCP9502 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
© 2011 Microchip Technology Inc.
DS22268A-page 5
MCP9501/2/3/4
Note: Unless otherwise indicated, VDD = 2.7V to 5.5V, TA = -40°C to +125°C, GND = Ground, RPULL-UP = 10 kΩ
(MCP9501 only) and 0.1 µF bypass capacitor.
FIGURE 2-7:
Temperature Accuracy
Distribution at -15°C.
FIGURE 2-8:
Temperature Accuracy
Distribution at 5°C.
FIGURE 2-9:
Temperature Accuracy
Distribution at 65°C.
FIGURE 2-10:
Temperature Accuracy
Distribution at 105°C.
FIGURE 2-11:
Temperature Accuracy
Distribution at 115°C.
FIGURE 2-12:
Temperature Accuracy
Distribution at 125°C.
0%
10%
20%
30%
40%
50%
60%
-4
.0
-2
.0
0
.0
2
.0
4
.0
O
c
c
u
rr
e
n
c
e
s
Temperature Accuracy (°C)
TA = -15\ C
V
DD = 4.1V
492 Units
°
TA (°C)
0%
10%
20%
30%
40%
50%
60%
-4
.0
-2
.0
0
.0
2
.0
4
.0
O
c
c
u
rr
e
n
c
e
s
Temperature Accuracy (°C)
TA = 5\ C
V
DD = 4.1V
480 Units
°
TA (°C)
0%
10%
20%
30%
40%
50%
60%
-4
.0
-2
.0
0
.0
2
.0
4
.0
O
c
c
u
rr
e
n
c
e
s
Temperature Accuracy (°C)
TA = 65\ C
V
DD = 4.1V
480 Units
°
TA (°C)
TA (°C)
TA (°C)
°
0%
10%
20%
30%
40%
50%
60%
-4
.0
-2
.0
0
.0
2
.0
4
.0
O
c
c
u
rr
e
n
c
e
s
Temperature Accuracy (°C)
TA = 105\ C
V
DD = 4.1V
480 Units
°
TA (°C)
0%
10%
20%
30%
40%
50%
60%
-4
.0
-2
.0
0
.0
2
.0
4
.0
O
c
c
u
rr
e
n
c
e
s
Temperature Accuracy (°C)
TA = 115\ C
V
DD = 4.1V
480 Units
°
TA (°C)
°
0%
10%
20%
30%
40%
50%
60%
-4
.0
-2
.0
0
.0
2
.0
4
.0
O
c
c
u
rr
e
n
c
e
s
Temperature Accuracy (°C)
TA = 125\ C
V
DD = 4.1V
480 Units
TA (°C)
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com