Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9502 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP9502
Description  Temperature Switch with Selectable Hysteresis
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9502 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP9502 Datasheet HTML 4Page - Microchip Technology MCP9502 Datasheet HTML 5Page - Microchip Technology MCP9502 Datasheet HTML 6Page - Microchip Technology MCP9502 Datasheet HTML 7Page - Microchip Technology MCP9502 Datasheet HTML 8Page - Microchip Technology MCP9502 Datasheet HTML 9Page - Microchip Technology MCP9502 Datasheet HTML 10Page - Microchip Technology MCP9502 Datasheet HTML 11Page - Microchip Technology MCP9502 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MCP9501/2/3/4
DS22268A-page 8
© 2011 Microchip Technology Inc.
4.0
FUNCTIONAL DESCRIPTION
The
MCP9501/2/3/4
temperature
switch
family
integrates a thermal diode, a comparator, and a factory
selectable
resistive
network
used
to
set
the
temperature
thresholds.
The
available
output
thresholds range from -35°C to 125°C at 10°C
increments. There is no additional configuration
required to operate this device. The selectable output
hysteresis is controlled using a single input pin. When
this pin is connected to ground, the output hysteresis is
2°C (typical) and when connected to VDD the output
hysteresis is 10°C (typical). Figure 4-1 shows the
functional block diagram.
FIGURE 4-1:
Functional Block Diagram.
There are two output configurations for this family, a
push-pull and an open-drain output with active-high
and active-low assertions. These assertion options are
referred to as Cold and Hot options, primarily due to the
direction of selected hysteresis. For the Cold option,
temperature has to fall below the threshold for the
output to assert High, and de-assert Low when the
temperature rises above the threshold plus the
hysteresis. For example, a 65°C threshold and 2°C
(typical) hysteresis, when temperature falls below 65°C
the output asserts High, and the de-asserts Low when
temperature rises above 67°C. For the Hot option, the
opposite is true. When temperature rises above 65°C,
the output asserts Low, and de-asserts High when the
temperature falls below 63°C. Figure 4-2 shows a
graphical description for the Hot and Cold options.
FIGURE 4-2:
Output Hysteresis.
The Push-Pull output is ideal for a microcontroller
interface using an input/output pin or an interrupt input
pin. The open-drain option can be used with multiple
sensors in a wired-OR configuration or as a level
shifter.
ISET
Rx
+
-
OUT/
OUT
Thermal
Diode
Hysteresis
Select Pin
Threshold
Select
Cold
Hot
TSET
THYST
Temperature
V
10°C Typical Hysteresis
2°C Typical
Hysteresis
Cold
Hot
TSET
THYST
Temperature
V
10°C Typical Hysteresis
2°C Typical
Hysteresis
Hot-Option (Active-Low)
Cold-Option (Active-High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com