Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1526 Datasheet(PDF) 177 Page - Microchip Technology

Part # PIC16F1526
Description  64-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1526 Datasheet(HTML) 177 Page - Microchip Technology

Back Button PIC16F1526 Datasheet HTML 173Page - Microchip Technology PIC16F1526 Datasheet HTML 174Page - Microchip Technology PIC16F1526 Datasheet HTML 175Page - Microchip Technology PIC16F1526 Datasheet HTML 176Page - Microchip Technology PIC16F1526 Datasheet HTML 177Page - Microchip Technology PIC16F1526 Datasheet HTML 178Page - Microchip Technology PIC16F1526 Datasheet HTML 179Page - Microchip Technology PIC16F1526 Datasheet HTML 180Page - Microchip Technology PIC16F1526 Datasheet HTML 181Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 354 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS41458A-page 177
PIC16(L)F1526/27
18.12 Timer1/3/5 Gate Control Register
The Timer1/3/5 Gate Control register (TxGCON),
shown in Register 18-2, is used to control Timer1/3/5
Gate.
REGISTER 18-2:
TXGCON: TIMER1/3/5 GATE CONTROL REGISTER
R/W-0/u
R/W-0/u
R/W-0/u
R/W-0/u
R/W/HC-0/u
R-x/x
R/W-0/u
R/W-0/u
TMRxGE
TxGPOL
TxGTM
TxGSPM
TxGGO/
DONE
TxGVAL
TxGSS<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
HC = Bit is cleared by hardware
bit 7
TMRxGE:
Timer1/3/5 Gate Enable bit
If TMRxON = 0:
This bit is ignored
If TMRxON = 1:
1
= Timer1/3/5 counting is controlled by the Timer1/3/5 gate function
0
= Timer1/3/5 counts regardless of Timer1/3/5 gate function
bit 6
TxGPOL:
Timer1/3/5 Gate Polarity bit
1
= Timer1/3/5 gate is active-high (Timer1/3/5 counts when gate is high)
0
= Timer1/3/5 gate is active-low (Timer1/3/5 counts when gate is low)
bit 5
TxGTM:
Timer1/3/5 Gate Toggle Mode bit
1
= Timer1/3/5 Gate Toggle mode is enabled
0
= Timer1/3/5 Gate Toggle mode is disabled and toggle flip-flop is cleared
Timer1/3/5 gate flip-flop toggles on every rising edge.
bit 4
TxGSPM:
Timer1/3/5 Gate Single-Pulse Mode bit
1
= Timer1/3/5 Gate Single-Pulse mode is enabled and is controlling Timer1/3/5 gate
0
= Timer1/3/5 Gate Single-Pulse mode is disabled
bit 3
TxGGO/DONE:
Timer1/3/5 Gate Single-Pulse Acquisition Status bit
1
= Timer1/3/5 gate single-pulse acquisition is ready, waiting for an edge
0
= Timer1/3/5 gate single-pulse acquisition has completed or has not been started
bit 2
TxGVAL:
Timer1/3/5 Gate Current State bit
Indicates the current state of the Timer1/3/5 gate that could be provided to TMRxH:TMRxL.
Unaffected by Timer1/3/5 Gate Enable (TMRxGE).
bit 1-0
TxGSS<1:0>:
Timer1/3/5 Gate Source Select bits
00
= Timer1/3/5 gate pin
01
= Timer0 overflow output
10
= Timer2/4/6/8 match PR2/PR4/PR6/PR8(1)
11
= Timer10 match PR10
Note 1:
See Table 18-4 for Timer selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com