Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1526 Datasheet(PDF) 178 Page - Microchip Technology

Part # PIC16F1526
Description  64-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1526 Datasheet(HTML) 178 Page - Microchip Technology

Back Button PIC16F1526 Datasheet HTML 174Page - Microchip Technology PIC16F1526 Datasheet HTML 175Page - Microchip Technology PIC16F1526 Datasheet HTML 176Page - Microchip Technology PIC16F1526 Datasheet HTML 177Page - Microchip Technology PIC16F1526 Datasheet HTML 178Page - Microchip Technology PIC16F1526 Datasheet HTML 179Page - Microchip Technology PIC16F1526 Datasheet HTML 180Page - Microchip Technology PIC16F1526 Datasheet HTML 181Page - Microchip Technology PIC16F1526 Datasheet HTML 182Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 354 page
background image
PIC16(L)F1526/27
DS41458A-page 178
Preliminary
 2011 Microchip Technology Inc.
18.12.1
ALTERNATE PIN LOCATIONS
This module incorporates I/O pins that can be moved to
other locations with the use of the alternate pin function
register, APFCON. To determine which pins can be
moved and what their default locations are upon a
Reset, see Section 12.1 “Alternate Pin Function” for
more information.
TABLE 18-5:
SUMMARY OF REGISTERS ASSOCIATED WITH TIMER1/3/5
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ANSELA
—
—ANSA5
—
ANSA3
ANSA2
ANSA1
ANSA0
121
APFCON
—
—
—
—
—
—
T3CKISEL CCP2SEL
118
CCP1CON
—
—
DC1B<1:0>
CCP1M<3:0>
197
CCP2CON
—
—
DC2B<1:0>
CCP2M<3:0>
197
CCP3CON
—
—
DC3B<1:0>
CCP3M<3:0>
197
CCP4CON
—
—
DC4B<1:0>
CCP4M<3:0>
197
CCP5CON
—
—
DC5B<1:0>
CCP5M<3:0>
197
CCP6CON
—
—
DC6B<1:0>
CCP6M<3:0>
197
CCP7CON
—
—
DC7B<1:0>
CCP7M<3:0>
197
CCP8CON
—
—
DC8B<1:0>
CCP8M<3:0>
197
CCP9CON
—
—
DC9B<1:0>
CCP9M<3:0>
197
CCP10CON
—
—
DC10B<1:0>
CCP10M<3:0>
197
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
80
PIE1
TMR1GIE
ADIE
RC1IE
TX1IE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
81
PIE2
OSFIE
TMR5GIE
TMR3GIE
—
BCL1IE
TMR10IE
TMR8IE
CCP2IE
82
PIE3
CCP6IE
CCP5IE
CCP4IE
CCP3IE
TMR6IE
TMR5IE
TMR4IE
TMR3IE
83
PIR1
TMR1GIF
ADIF
RC1IF
TX1IF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
85
PIR2
OSFIF
TMR5GIF
TMR3GIF
—
BCL1IF
TMR10IF
TMR8IF
CCP2IF
86
PIR3
CCP6IF
CCP5IF
CCP4IF
CCP3IF
TMR6IF
TMR5IF
TMR4IF
TMR3IF
87
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
172*
TMR3H
Holding Register for the Most Significant Byte of the 16-bit TMR3 Register
172*
TMR5H
Holding Register for the Most Significant Byte of the 16-bit TMR5 Register
172*
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
172*
TMR3L
Holding Register for the Least Significant Byte of the 16-bit TMR3 Register
172*
TMR5L
Holding Register for the Least Significant Byte of the 16-bit TMR5 Register
172*
TRISA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
120
T1CON
TMR1CS<1:0>
T1CKPS<1:0>
SOSCEN
T1SYNC
—TMR1ON
176
T3CON
TMR3CS<1:0>
T3CKPS<1:0>
SOSCEN
T3SYNC
—TMR3ON
176
T5CON
TMR5CS<1:0>
T5CKPS<1:0>
SOSCEN
T5SYNC
—TMR5ON
176
T1GCON
TMR1GE
T1GPOL
T1GTM
T1GSPM
T1GGO/
DONE
T1GVAL
T1GSS<1:0>
177
T3GCON
TMR3GE
T3GPOL
T3GTM
T3GSPM
T3GGO/
DONE
T3GVAL
T3GSS<1:0>
177
T5GCON
TMR5GE
T5GPOL
T5GTM
T5GSPM
T5GGO/
DONE
T5GVAL
T5GSS<1:0>
177
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used by the Timer1/3/5 module.
*
Page provides register information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com