Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1526 Datasheet(PDF) 182 Page - Microchip Technology

Part # PIC16F1526
Description  64-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1526 Datasheet(HTML) 182 Page - Microchip Technology

Back Button PIC16F1526 Datasheet HTML 178Page - Microchip Technology PIC16F1526 Datasheet HTML 179Page - Microchip Technology PIC16F1526 Datasheet HTML 180Page - Microchip Technology PIC16F1526 Datasheet HTML 181Page - Microchip Technology PIC16F1526 Datasheet HTML 182Page - Microchip Technology PIC16F1526 Datasheet HTML 183Page - Microchip Technology PIC16F1526 Datasheet HTML 184Page - Microchip Technology PIC16F1526 Datasheet HTML 185Page - Microchip Technology PIC16F1526 Datasheet HTML 186Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 354 page
background image
PIC16(L)F1526/27
DS41458A-page 182
Preliminary
 2011 Microchip Technology Inc.
TABLE 19-1:
SUMMARY OF REGISTERS ASSOCIATED WITH TIMER2/4/6/8/10
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CCP1CON
—
—
DC1B<1:0>
CCP1M<3:0>
197
CCP2CON
—
—
DC2B<1:0>
CCP2M<3:0>
197
CCP3CON
—
—
DC3B<1:0>
CCP3M<3:0>
197
CCP4CON
—
—
DC4B<1:0>
CCP4M<3:0>
197
CCP5CON
—
—
DC5B<1:0>
CCP5M<3:0>
197
CCP6CON
—
—
DC6B<1:0>
CCP6M<3:0>
197
CCP7CON
—
—
DC7B<1:0>
CCP7M<3:0>
197
CCP8CON
—
—
DC8B<1:0>
CCP8M<3:0>
197
CCP9CON
—
—
DC9B<1:0>
CCP9M<3:0>
197
CCP10CON
—
—
DC10B<1:0>
CCP10M<3:0>
197
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
80
PIE1
TMR1GIE
ADIE
RC1IE
TX1IE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
81
PIE2
OSFIE
TMR5GIE
TMR3GIE
—
BCL1IE
TMR10IE
TMR8IE
CCP2IE
82
PIE3
CCP6IE
CCP5IE
CCP4IE
CCP3IE
TMR6IE
TMR5IE
TMR4IE
TMR3IE
83
PIR1
TMR1GIF
ADIF
RC1IF
TX1IF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
85
PIR2
OSFIF
TMR5GIF
TMR3GIF
—
BCL1IF
TMR10IF
TMR8IF
CCP2IF
86
PIR3
CCP6IF
CCP5IF
CCP4IF
CCP3IF
TMR6IF
TMR5IF
TMR4IF
TMR3IF
87
PR2
Timer2 Module Period Register
213*
PR4
Timer4 Module Period Register
213*
PR6
Timer6 Module Period Register
213*
PR8
Timer8 Module Period Register
213*
PR10
Timer10 Module Period Register
213*
T2CON
—
T2OUTPS<3:0>
TMR2ON
T2CKPS1
T2CKPS0
215
T4CON
—
T4OUTPS<3:0>
TMR4ON
T4CKPS1
T4CKPS0
215
T6CON
—
T6OUTPS<3:0>
TMR6ON
T6CKPS1
T6CKPS0
215
T8CON
—
T8OUTPS<3:0>
TMR8ON
T8CKPS1
T8CKPS0
215
T10CON
—
T10OUTPS<3:0>
TMR10ON T10CKPS1 T10CKPS0
215
TMR2
Holding Register for the 8-bit TMR2 Register
213*
TMR4
Holding Register for the 8-bit TMR4 Register(1)
213*
TMR6
Holding Register for the 8-bit TMR6 Register(1)
213*
TMR8
Holding Register for the 8-bit TMR8 Register(1)
213*
TMR10
Holding Register for the 8-bit TMR10 Register(1)
213*
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are not used for Timer2/4/6/8/10 module.
*
Page provides register information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com