Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1526 Datasheet(PDF) 186 Page - Microchip Technology

Part # PIC16F1526
Description  64-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1526 Datasheet(HTML) 186 Page - Microchip Technology

Back Button PIC16F1526 Datasheet HTML 182Page - Microchip Technology PIC16F1526 Datasheet HTML 183Page - Microchip Technology PIC16F1526 Datasheet HTML 184Page - Microchip Technology PIC16F1526 Datasheet HTML 185Page - Microchip Technology PIC16F1526 Datasheet HTML 186Page - Microchip Technology PIC16F1526 Datasheet HTML 187Page - Microchip Technology PIC16F1526 Datasheet HTML 188Page - Microchip Technology PIC16F1526 Datasheet HTML 189Page - Microchip Technology PIC16F1526 Datasheet HTML 190Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 354 page
background image
PIC16(L)F1526/27
DS41458A-page 186
Preliminary
 2011 Microchip Technology Inc.
TABLE 20-2:
SUMMARY OF REGISTERS ASSOCIATED WITH CAPTURE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register on
Page
APFCON
—
—
—
—
—
—
T3CKISEL
CCP2SEL
118
CCP1CON
—
—
DC1B<1:0>
CCP1M<3:0>
197
CCP2CON
—
—
DC2B<1:0>
CCP2M<3:0>
197
CCP3CON
—
—
DC3B<1:0>
CCP3M<3:0>
197
CCP4CON
—
—
DC4B<1:0>
CCP4M<3:0>
197
CCP5CON
—
—
DC5B<1:0>
CCP5M<3:0>
197
CCP6CON
—
—
DC6B<1:0>
CCP6M<3:0>
197
CCP7CON
—
—
DC7B<1:0>
CCP7M<3:0>
197
CCP8CON
—
—
DC8B<1:0>
CCP8M<3:0>
197
CCP9CON
—
—
DC9B<1:0>
CCP9M<3:0>
197
CCP10CON
—
—
DC10B<1:0>
CCP10M<3:0>
197
CCPR1L
Capture/Compare/PWM Register 1 Low Byte (LSB)
184*
CCPR2L
Capture/Compare/PWM Register 2 Low Byte (LSB)
184*
CCPR3L
Capture/Compare/PWM Register 3 Low Byte (LSB)
184*
CCPR4L
Capture/Compare/PWM Register 4 Low Byte (LSB)
184*
CCPR5L
Capture/Compare/PWM Register 5 Low Byte (LSB)
184*
CCPR6L
Capture/Compare/PWM Register 6 Low Byte (LSB)
184*
CCPR7L
Capture/Compare/PWM Register 7 Low Byte (LSB)
184*
CCPR8L
Capture/Compare/PWM Register 8 Low Byte (LSB)
184*
CCPR9L
Capture/Compare/PWM Register 9 Low Byte (LSB)
184*
CCPR10L
Capture/Compare/PWM Register 10 Low Byte (LSB)
184*
CCPR1H
Capture/Compare/PWM Register 1 High Byte (MSB)
184*
CCPR2H
Capture/Compare/PWM Register 2 High Byte (MSB)
184*
CCPR3H
Capture/Compare/PWM Register 3 High Byte (MSB)
184*
CCPR4H
Capture/Compare/PWM Register 4 High Byte (MSB)
184*
CCPR5H
Capture/Compare/PWM Register 5 High Byte (MSB)
184*
CCPR6H
Capture/Compare/PWM Register 6 High Byte (MSB)
184*
CCPR7H
Capture/Compare/PWM Register 7 High Byte (MSB)
184*
CCPR8H
Capture/Compare/PWM Register 8 High Byte (MSB)
184*
CCPR9H
Capture/Compare/PWM Register 9 High Byte (MSB)
184*
CCPR10H
Capture/Compare/PWM Register 10 High Byte (MSB)
184*
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
80
PIE1
TMR1GIE
ADIE
RC1IE
TX1IE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
81
PIE2
OSFIE
TMR5GIE
TMR3GIE
—
BCL1IE
TMR10IE
TMR8IE
CCP2IE
82
PIE3
CCP6IE
CCP5IE
CCP4IE
CCP3IE
TMR6IE
TMR5IE
TMR4IE
TMR3IE
83
PIE4
CCP10IE
CCP9IE
RC2IE
TX2IE
CCP8IE
CCP7IE
BCL2IE
SSP2IE
84
PIR1
TMR1GIF
ADIF
RC1IF
TX1IF
SSP1IF
CCP1IF
TMR2IF
TMR1IF
85
PIR2
OSFIF
TMR5GIF
TMR3GIF
—
BCL1IF
TMR10IF
TMR8IF
CCP2IF
86
PIR3
CCP6IF
CCP5IF
CCP4IF
CCP3IF
TMR6IF
TMR5IF
TMR4IF
TMR3IF
87
PIR4
CCP10IF
CCP9IF
RC2IF
TX2IF
CCP8IF
CCP7IF
BCL2IF
SSP2IF
88
T1CON
TMR1CS<1:0>
T1CKPS<1:0>
SOSCEN
T1SYNC
—TMR1ON
176
T3CON
TMR3CS<1:0>
T3CKPS<1:0>
SOSCEN
T3SYNC
—TMR3ON
176
T5CON
TMR5CS<1:0>
T5CKPS<1:0>
SOSCEN
T5SYNC
—TMR5ON
176
T1GCON
TMR1GE
T1GPOL
T1GTM
T1GSPM
T1GGO/DONE
T1GVAL
T1GSS<1:0>
177
T3GCON
TMR3GE
T3GPOL
T3GTM
T3GSPM
T3GGO/DONE
T3GVAL
T3GSS<1:0>
177
Legend:
— = Unimplemented location, read as ‘0’. Shaded cells are not used by Capture mode.
*
Page provides register information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com