Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1526 Datasheet(PDF) 188 Page - Microchip Technology

Part # PIC16F1526
Description  64-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1526 Datasheet(HTML) 188 Page - Microchip Technology

Back Button PIC16F1526 Datasheet HTML 184Page - Microchip Technology PIC16F1526 Datasheet HTML 185Page - Microchip Technology PIC16F1526 Datasheet HTML 186Page - Microchip Technology PIC16F1526 Datasheet HTML 187Page - Microchip Technology PIC16F1526 Datasheet HTML 188Page - Microchip Technology PIC16F1526 Datasheet HTML 189Page - Microchip Technology PIC16F1526 Datasheet HTML 190Page - Microchip Technology PIC16F1526 Datasheet HTML 191Page - Microchip Technology PIC16F1526 Datasheet HTML 192Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 354 page
background image
PIC16(L)F1526/27
DS41458A-page 188
Preliminary
 2011 Microchip Technology Inc.
20.2
Compare Mode
The Compare mode function described in this section
is available and identical for CCP modules.
Compare mode makes use of the 16-bit Timer1/3/5
resource. The 16-bit value of the CCPRxH:CCPRxL
register pair is constantly compared against the 16-bit
value of the TMRxH:TMRxL register pair. When a
match occurs, one of the following events can occur:
• Toggle the CCPx output
• Set the CCPx output
• Clear the CCPx output
• Generate a Special Event Trigger
• Generate a Software Interrupt
The action on the pin is based on the value of the
CCPxM<3:0> control bits of the CCPxCON register. At
the same time, the interrupt flag CCPxIF bit is set.
All Compare modes can generate an interrupt.
Figure 20-2 shows a simplified diagram of the
Compare operation.
FIGURE 20-2:
COMPARE MODE
OPERATION BLOCK
DIAGRAM
20.2.1
CCP PIN CONFIGURATION
The user must configure the CCPx pin as an output by
clearing the associated TRIS bit.
Also, the CCPx pin function can be moved to
alternative pins using the APFCON register. Refer to
Section 12.1 “Alternate Pin Function”
for more
details.
20.2.2
TIMER1/3/5 MODE RESOURCE
In Compare mode, Timer1/3/5 must be running in either
Timer mode or Synchronized Counter mode. The
compare operation may not work in Asynchronous
Counter mode.
See Section 18.0 “Timer1/3/5 Module with Gate
Control”
for
more
information
on
configuring
Timer1/3/5.
CCPRxH CCPRxL
TMRxH
TMRxL
Comparator
QS
R
Output
Logic
Special Event Trigger
Set CCPxIF Interrupt Flag
(PIRx)
Match
TRIS
CCPxM<3:0>
Mode Select
Output Enable
Pin
CCPx
4
Note:
Clearing the CCPxCON register will force
the CCPx compare output latch to the
default low level. This is not the PORT I/O
data latch.
TABLE 20-3:
CCPx COMPARE TIMER1/3/5
RESOURCES
CCP
TMR1
TMR3
TMR5
CCP1
●●
CCP2
●●
CCP3
●●
CCP4
●●
CCP5
●●
CCP6
●●
CCP7
●●
CCP8
●●
CCP9
●●
CCP10
●●
Note:
Clocking Timer1/3/5 from the system clock
(FOSC) should not be used in Compare
mode. In order for Compare mode to
recognize the trigger event on the CCPx
pin, Timer1/3/5 must be clocked from the
instruction clock (FOSC/4) or from an
external clock source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com