Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD4-DFN Datasheet(PDF) 2 Page - Protek Devices

Part # ESD4-DFN
Description  LOW CAPACITANCE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

ESD4-DFN Datasheet(HTML) 2 Page - Protek Devices

  ESD4-DFN Datasheet HTML 1Page - Protek Devices ESD4-DFN Datasheet HTML 2Page - Protek Devices ESD4-DFN Datasheet HTML 3Page - Protek Devices ESD4-DFN Datasheet HTML 4Page - Protek Devices ESD4-DFN Datasheet HTML 5Page - Protek Devices ESD4-DFN Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05266.R1 3/11
Page 2
ESD4-DFN
TYPICAL DEVICE ChARACTERISTICS
MAXIMuM RATINGS @ 25°C unless Otherwise Specified
PARAMETER
SYMBOL
VALuE
uNITS
Operating Temperature
T
A
-40 to 85
°C
Storage Temperature
T
STG
-55 to 150
°C
Soldering Temperature for 10 seconds
T
L
265
°C
Typical Forward Voltage @ 10mA
V
F
1.2
V
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
25
Watts
ELECTRICAL ChARACTERISTICS PER LINE @ 25°C unless Otherwise Specified
PART
NuMBER
DEVICE
MARkING
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
MINIMuM
BREAkDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMuM
CLAMPING
VOLTAGE
(Fig. 2)
@I
P = 1A
V
C
VOLTS
MAXIMuM
REVERSE
LEAkAGE
CuRRENT
@ 3V
I
D
µA
TYPICAL
CAPACITANCE
(Note 1)
@2.5V, 1Mhz
C
pF
ESD4-DFN
4
5.0
6.0
12.0
0.1
7
NOTES
1. 10pF @ 0V, 1MHz Typical.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com